Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1630C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR1630C
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR1630C Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR1630C Datasheet HTML 1Page - Rectron Semiconductor SR1630C Datasheet HTML 2Page - Rectron Semiconductor SR1630C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SR16200C
THRU
SR1620C
TO-220
Dimensions in inches and (millimeters)
.153 ( 3.9)
.413 ( 10.5)
.108
.051
.374 ( 9.5)
( 2.75)
( 1.3)
.148 ( 3.8 )
.053 ( 1.3)
.047 ( 1.2)
.270 ( 6.9)
.610 ( 15.5)
.583 (14.8)
.102 ( 2.6)
.091 ( 2.3)
.583 ( 14.8)
.157
.126
( 4.0)
( 3.2)
.531( 13.5)
.028 ( 0.7)
.012 ( 0.3)
.230 ( 5.8)
.187 ( 4.7 )
.146 ( 3.7)
.035 (0.9)
.028 ( 0.7)
PIN
1
2 3
PIN 1
PIN 3
HEATSINK
PIN 2
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case: To-220 molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.24 grams
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 3)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
16.0
150
2.0
40
700
Amps
0
C/W
0
C
Storage Temperature Range
R q J C
R q J A
IO
pF
Operating Temperature Range
TJ
SR1620C
20
150
-55 to + 150
0
C
SR1635C
SR1630C
SR1640C SR1645C SR1650C SR1660C
30
35
40
45
50
60
14
21
25
28
32
35
42
20
30
35
40
45
50
60
SR1680C SR16100C SR16150C SR16200C
SR1620C
SR1635C
SR1630C
SR1640C SR1645C SR1650C SR1660C SR1680C SR16100C SR16150C SR16200C
80
100
150
200
80
100
150
200
56
70
105
140
500
NOTES : 1. Thermal Resistance : Heat-sink mounted.
2. Suffix “A” = Common Anode.
3. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
4. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
2008-11
REV: A
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
0.2
2
@TA = 25
oC
@TA = 100
oC
.65
mA
UNITS
.75
.85


Similar Part No. - SR1630C

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR1630C MIC-SR1630C Datasheet
44Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR1630C CHENDA-SR1630C Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR1630C CHENDA-SR1630C Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR1630C SHUNYE-SR1630C Datasheet
235Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR1630CS RECTRON-SR1630CS Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes)
More results

Similar Description - SR1630C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR16200CS RECTRON-SR16200CS Datasheet
721Kb / 4P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 200 Volts CURRENT 16.0 Ampere
2022-04 REV:A
SR2020CS RECTRON-SR2020CS Datasheet
195Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR820K RECTRON-SR820K Datasheet
194Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 8.0 Ampere
SR2020C RECTRON-SR2020C Datasheet
234Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR520K RECTRON-SR520K Datasheet
194Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
SR220 RECTRON-SR220 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
SR1645S RECTRON-SR1645S Datasheet
481Kb / 4P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 40 to 60 Volts CURRENT 16.0 Ampere
2022-04 REV:A
FM220L RECTRON-FM220L Datasheet
363Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
SR0520 RECTRON-SR0520 Datasheet
224Kb / 3P
   LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 0.5 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com