Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR2045C Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SR2045C
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR2045C Datasheet(HTML) 2 Page - Rectron Semiconductor

  SR2045C Datasheet HTML 1Page - Rectron Semiconductor SR2045C Datasheet HTML 2Page - Rectron Semiconductor SR2045C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
0.1
0.01
1
10
100
0
4
8
12
16
20
24
20
40
60
80
100
120
140
150
100
50
0
0
0.2 0.4
0.8
1.0
1.4 1.6
0.1
1.0
10
50
1.2
0.6
1.8
RATING AND CHARACTERISTICS CURVES ( SR2020C THRU SR20200C )
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
0.1
0.8
0.6
0.4
0.2
1
2
4
40
0.4
1.0
4
10
80100
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
125
150
25
0
50
100
75
2
5
10
20 50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
TA = 125 OC
TA = 25 OC
TA = 75 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
SR2080C~SR20200C
SR2020C~SR2040C
SR2050C~SR2060C
SR2020C~SR2040C
SR2050C~SR2060C
SR2080C~SR20200C
TJ = 25 OC
SR2
020C
~SR
2045
C
SR2
050C
~SR
2020
0C


Similar Part No. - SR2045C

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR2045C MIC-SR2045C Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR2045C CHENDA-SR2045C Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR2045C SHUNYE-SR2045C Datasheet
261Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR2045CS RECTRON-SR2045CS Datasheet
195Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
logo
UNIOHM CORPORATION
SR2045CT UNIOHM-SR2045CT Datasheet
68Kb / 2P
   20.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR2045C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR2020CS RECTRON-SR2020CS Datasheet
195Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR20200A RECTRON-SR20200A Datasheet
851Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 200 Volts CURRENT 20.0 Ampere
2022-04/52 REV:A
SR1620C RECTRON-SR1620C Datasheet
183Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere
SR820K RECTRON-SR820K Datasheet
194Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 8.0 Ampere
SR520K RECTRON-SR520K Datasheet
194Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
SR220 RECTRON-SR220 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
SR20H200C RECTRON-SR20H200C Datasheet
966Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20.0 Amperes
2022-04/52 REV:A
FM220L RECTRON-FM220L Datasheet
363Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
SR0520 RECTRON-SR0520 Datasheet
224Kb / 3P
   LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 0.5 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com