Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU801 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBU801
Description  8.0A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBU801 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBU801 Datasheet HTML 1Page - Won-Top Electronics KBU801 Datasheet HTML 2Page - Won-Top Electronics KBU801 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBU800 – KBU810
1 of 3
© 2002 Won-Top Electronics
KBU800 – KBU810
8.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
A
!
Low Forward Voltage Drop
B
C
!
High Current Capability
D
!
High Reliability
!
High Surge Current Capability
K
L
!
Ideal for Printed Circuit Boards
- ~ ~ +
E
!
UL Recognized File # E157705
J
G
Mechanical Data
!
Case: Molded Plastic
H
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
!
Polarity: As Marked on Body
!
Weight: 8.0 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
N
P
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBU
800
KBU
801
KBU
802
KBU
804
KBU
806
KBU
808
KBU
810
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
300
A
Forward Voltage (per element)
@IF = 4.0A
VFM
1.0
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
1.0
µA
mA
Rating for Fusing (t < 8.3ms) (Note 1)
I2t
373
A2s
Typical Thermal Resistance (Note 2)
RJC
7.5
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance junction to case per element mounted on PC board with 13.0x13.0x0.03mm thick land areas.
WT E
PO W E R SEM IC ONDUCTORS
KBU
Dim
Min
Max
A
22.70
23.70
B
3.80
4.10
C
4.20
4.70
D
1.70
2.20
E
10.30
11.30
G
4.50
6.80
H
4.60
5.60
J
25.40
K
19.30
L
16.80
17.80
M
6.60
7.10
N
4.70
5.20
P
1.20
1.30
All Dimensions in mm


Similar Part No. - KBU801

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBU801 JGD-KBU801 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
KBU801 SAMYANG-KBU801 Datasheet
500Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diotech Company.
KBU801 DIOTECH-KBU801 Datasheet
764Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBU801 YFWDIODE-KBU801 Datasheet
478Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBU801 FUJI-KBU801 Datasheet
641Kb / 1P
   8 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBU801

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
D8KB05 ZSELEC-D8KB05 Datasheet
109Kb / 2P
   8.0A BRIDGE RECTIFIER
UR8KB05 ZSELEC-UR8KB05 Datasheet
116Kb / 2P
   8.0A BRIDGE RECTIFIER
UD8KBA05 ZSELEC-UD8KBA05 Datasheet
119Kb / 2P
   8.0A BRIDGE RECTIFIER
UR8KBA05 ZSELEC-UR8KBA05 Datasheet
118Kb / 2P
   8.0A BRIDGE RECTIFIER
UG8KB05 ZSELEC-UG8KB05_V01 Datasheet
104Kb / 2P
   8.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ8A WTE-KBJ8A Datasheet
48Kb / 3P
   8.0A BRIDGE RECTIFIER
KBPC800 WTE-KBPC800 Datasheet
32Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
PBPC801 NJSEMI-PBPC801 Datasheet
70Kb / 1P
   8.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UD8KB05 ZSELEC-UD8KB05_V01 Datasheet
104Kb / 2P
   8.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC801 DIODES-PBPC801 Datasheet
64Kb / 2P
   8.0A BRIDGE RECTIFIER
DS21311 Rev. E-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com