Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US6X5 Datasheet(PDF) 2 Page - Rohm

Part # US6X5
Description  Low frequency amplifier (12V, 2A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US6X5 Datasheet(HTML) 2 Page - Rohm

  US6X5_1 Datasheet HTML 1Page - Rohm US6X5_1 Datasheet HTML 2Page - Rohm US6X5_1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
US6X5
Transistors
Rev.C
2/2
Packaging specifications
US6X5
TR
3000
Type
Package
Code
Basic ordering unit (pieces)
Taping
Electrical characteristic curves
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
10
1000
100
Ta
=100°C
Ta
=−40°C
Ta
=25°C
VCE
=2V
Pulsed
Fig.1 DC current gain
vs. collector current
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
0.001
0.01
1
0.1
IC/IB
=20/1
VCE
=2V
Pulsed
Ta
=100°C
Ta
=−40°C
Ta
=25°C
Fig.2 Base-emitter saturation voltage
vs. collector current
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
0.001
0.01
0.1
1
Ta
=25°C
Pulsed
IC/IB
=10/1
IC/IB
=20/1
IC/IB
=50/1
Fig.3 Collector-emitter saturation voltage
vs. collector current
0
0.5
1
1.5
BASE TO EMITTER CURRENT : VBE (V)
0.001
0.01
10
0.1
1
VCE
=2V
Pulsed
Ta
=100°C
Ta
=−40°C
Ta
=25°C
Fig.4 Grounded emitter propagation
characteristics
0.001
0.01
0.1
1
10
EMITTER CURRENT : IE (A)
10
1000
100
Ta
=25°C
VCE
=2V
f
=100MHz
Fig.5 Gain bandwidth product
vs. emitter current
0.01
0.1
1
10
1
10
1000
100
Ta
=25°C
VCE
=5V
f
=100MHz
tstg
tdon
tf
tr
Fig.6 Switching time
COLLECTOR CURRENT : IC (A)
1
10
100
0.1
1
10
100
1000
f
=1MHz
IC
=0A
Ta
=25˚C
Cib
Cob
Fig.7 Collector output capacitance
vs. collector-base voltage
Emitter input capacitance
vs. emitter-base voltage
EMITTER TO BASE VOLTAGE : VEB(V)
COLLECTOR TO BASE VOLTAGE : VCB(V)


Similar Part No. - US6X5_1

ManufacturerPart #DatasheetDescription
logo
Rohm
US6X5 ROHM-US6X5 Datasheet
69Kb / 3P
   Low frequency amplifier
More results

Similar Description - US6X5_1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1697 ROHM-2SB1697 Datasheet
103Kb / 3P
   Low Frequency Amplifier (-12V, -2A)
2SD2661 ROHM-2SD2661 Datasheet
65Kb / 3P
   Low frequency amplifier transistor(12V,2A)
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
   Low frequency amplifier (12V, 3A)
US6T5 ROHM-US6T5_1 Datasheet
80Kb / 3P
   Low frequency amplifier (-30V, -2A)
US6X4 ROHM-US6X4_1 Datasheet
75Kb / 3P
   Low frequency amplifier (30V, 2A)
2SB1689 ROHM-2SB1689_13 Datasheet
368Kb / 7P
   PNP -1.5A -12V Low Frequency Amplifier Transistors
2SB1689T106 ROHM-2SB1689T106 Datasheet
368Kb / 7P
   PNP -1.5A -12V Low Frequency Amplifier Transistors
2SC5585 ROHM-2SC5585 Datasheet
69Kb / 3P
   Low frequency transistor (12V, 0.5A)
2SA2030 ROHM-2SA2030_15 Datasheet
1Mb / 12P
   Low frequency transistor(-12V, -500mA)
2SC4672 ROHM-2SC4672 Datasheet
37Kb / 2P
   Low Frequency Transistor (50V, 2A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com