Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU806 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # KBU806
Description  8.0A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBU806 Datasheet(HTML) 3 Page - Won-Top Electronics

  KBU806 Datasheet HTML 1Page - Won-Top Electronics KBU806 Datasheet HTML 2Page - Won-Top Electronics KBU806 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KBU800 – KBU810
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBU800
SIL Bridge
400 Units/Box
KBU801
SIL Bridge
400 Units/Box
KBU802
SIL Bridge
400 Units/Box
KBU804
SIL Bridge
400 Units/Box
KBU806
SIL Bridge
400 Units/Box
KBU808
SIL Bridge
400 Units/Box
KBU810
SIL Bridge
400 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - KBU806

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBU806 JGD-KBU806 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
KBU806 ASEMI-KBU806 Datasheet
115Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Diotech Company.
KBU806 DIOTECH-KBU806 Datasheet
764Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU806 JUXING-KBU806 Datasheet
444Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBU806 FUJI-KBU806 Datasheet
641Kb / 1P
   8 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBU806

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
D8KB05 ZSELEC-D8KB05 Datasheet
109Kb / 2P
   8.0A BRIDGE RECTIFIER
UR8KB05 ZSELEC-UR8KB05 Datasheet
116Kb / 2P
   8.0A BRIDGE RECTIFIER
UD8KBA05 ZSELEC-UD8KBA05 Datasheet
119Kb / 2P
   8.0A BRIDGE RECTIFIER
UR8KBA05 ZSELEC-UR8KBA05 Datasheet
118Kb / 2P
   8.0A BRIDGE RECTIFIER
UG8KB05 ZSELEC-UG8KB05_V01 Datasheet
104Kb / 2P
   8.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ8A WTE-KBJ8A Datasheet
48Kb / 3P
   8.0A BRIDGE RECTIFIER
KBPC800 WTE-KBPC800 Datasheet
32Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
PBPC801 NJSEMI-PBPC801 Datasheet
70Kb / 1P
   8.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UD8KB05 ZSELEC-UD8KB05_V01 Datasheet
104Kb / 2P
   8.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC801 DIODES-PBPC801 Datasheet
64Kb / 2P
   8.0A BRIDGE RECTIFIER
DS21311 Rev. E-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com