Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1501 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # MP1501
Description  15A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MP1501 Datasheet(HTML) 1 Page - Won-Top Electronics

  MP1501 Datasheet HTML 1Page - Won-Top Electronics MP1501 Datasheet HTML 2Page - Won-Top Electronics MP1501 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MP1500 – MP1510
1 of 3
© 2002 Won-Top Electronics
MP1500 – MP1510
15A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
High Current Capability
!
High Case Dielectric Strength
H
!
High Surge Current Capability
J
!
Ideal for Printed Circuit Board Application
G
+
~
!
Plastic Material has Underwriters Laboratory
Flammability Classification 94V-O
E
A
~
-
E
Mechanical Data
!
Case: Molded Plastic
D
C
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 5.4 grams (approx.)
!
Mounting Position: Through Hole for #6 Screw
Metal Heat Sink
!
Mounting Torque: 5.0 Inch-pounds Maximum
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MP
1500
MP
1501
MP
1502
MP
1504
MP
1506
MP
1508
MP
1510
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 70°C
IO
15
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
300
A
Forward Voltage (per element)
@IF = 7.5A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
1.0
µA
mA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
64
A2s
Typical Junction Capacitance (Note 3)
Cj
110
pF
Typical Thermal Resistance (Note 4)
RJC
7.5
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
4. Thermal resistance junction to case per element.
WT E
PO W E R SEM IC ONDUCTORS
MP-15
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
19.00
D
1.27 Ø Typical
E
5.33
7.37
Hole for #6 screw
G
3.60
4.00
H
12.20
13.20
J
2.38 x 45°C Typical
All Dimensions in mm


Similar Part No. - MP1501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MP1501 WTE-MP1501 Datasheet
70Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
MP1501 BILIN-MP1501 Datasheet
101Kb / 2P
   SILICON BRIDGE RECTIFIERS
MP1501 BILIN-MP1501 Datasheet
101Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
RFE international
MP1501 RFE-MP1501 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
logo
Formosa MS
MP1501 FORMOSA-MP1501 Datasheet
112Kb / 6P
   Bridge Rectifier
More results

Similar Description - MP1501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ15A WTE-KBJ15A Datasheet
50Kb / 3P
   15A BRIDGE RECTIFIER
logo
FutureWafer Tech Co.,Lt...
GBJ1504A FUTUREWAFER-GBJ1504A Datasheet
905Kb / 6P
   15A Bridge Rectifier
20-OCT-2021 V 2.0
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
   15A Single-Phase Bridge Rectifier
logo
Shenzhen Luguang Electr...
GBJ15005 LUGUANG-GBJ15005 Datasheet
157Kb / 2P
   15A Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
MB1505W TAITRON-MB1505W Datasheet
144Kb / 4P
   15A Single-Phase Bridge Rectifier
MB1505 TAITRON-MB1505 Datasheet
144Kb / 4P
   15A Single-Phase Bridge Rectifier
logo
Nanjing International G...
GBJ15005 DGNJDZ-GBJ15005 Datasheet
222Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS15005M ZSELEC-RS15005M Datasheet
87Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Changzhou Shunye Electr...
GBJ15005 SY-GBJ15005 Datasheet
599Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com