Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P600A Datasheet(PDF) 3 Page - Won-Top Electronics

Part # P600A
Description  6.0A SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P600A Datasheet(HTML) 3 Page - Won-Top Electronics

  P600A Datasheet HTML 1Page - Won-Top Electronics P600A Datasheet HTML 2Page - Won-Top Electronics P600A Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P600A – P600M
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
P600A-T3
P-600
800/Tape & Reel
P600A
P-600
250 Units/Box
P600B-T3
P-600
800/Tape & Reel
P600B
P-600
250 Units/Box
P600D-T3
P-600
800/Tape & Reel
P600D
P-600
250 Units/Box
P600G-T3
P-600
800/Tape & Reel
P600G
P-600
250 Units/Box
P600J-T3
P-600
800/Tape & Reel
P600J
P-600
250 Units/Box
P600K-T3
P-600
800/Tape & Reel
P600K
P-600
250 Units/Box
P600M-T3
P-600
800/Tape & Reel
P600M
P-600
250 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - P600A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600A PANJIT-P600A Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Yea Shin Technology Co....
P600A YEASHIN-P600A Datasheet
71Kb / 2P
   HIGH CURRE NT PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
P600A TSC-P600A Datasheet
66Kb / 2P
   6.0 AMPS Silicon Rectifiers
logo
Gulf Semiconductor
P600A GULFSEMI-P600A Datasheet
180Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
logo
Transys Electronics
P600A TRSYS-P600A Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - P600A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
6A05 DIODES-6A05 Datasheet
62Kb / 2P
   6.0A SILICON RECTIFIER
DS28009 Rev. F-2
6A05 DIODES-6A05_2 Datasheet
90Kb / 3P
   6.0A SILICON RECTIFIER
DS28009 Rev. 9 - 2
6A05 DIODES-6A05_15 Datasheet
90Kb / 3P
   6.0A SILICON RECTIFIER
logo
Naina Semiconductor ltd...
6A05 NAINA-6A05_17 Datasheet
113Kb / 2P
   Silicon Rectifier, 6.0A
logo
Diodes Incorporated
6A05 DIODES-6A05_1 Datasheet
63Kb / 3P
   6.0A SILICON RECTIFIER
DS28009 Rev. 7 - 2
logo
Naina Semiconductor ltd...
6A05 NAINA-6A05 Datasheet
113Kb / 2P
   Silicon Rectifier, 6.0A
logo
SUNMATE electronic Co.,...
MR750 SUNMATE-MR750 Datasheet
217Kb / 2P
   6.0A Axial Leaded Silicon Rectifier
logo
Diodes Incorporated
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
   6.0A RECTIFIER
DS28008 Rev. G-3
logo
TAITRON Components Inco...
TB605 TAITRON-TB605 Datasheet
176Kb / 4P
   6.0A Single-Phase Silicon Bridge Rectifier
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com