Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09650-M Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 09650-M
Description  FAN FILTER MEDIA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

09650-M Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  09650-M Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
MEDIA *
AVAILABLE IN:
XX = 30 PPI **
45 PPI **
60 PPI **
100 PPI **
*
UL 900 Class II
**
PORES PER INCH
RoHS COMPLIANT
∅149.86 ± 1.0
B. ZHANG
06-18-02
06-18-02
JJH / 06-18-02
Qualtek Electronics Corp.
FAN-S DIVISION
Part Number: 09650-M/XX
Description:
FAN FILTER MEDIA
Tolerance
+/-
(mm)
Dim
range
(mm)
0-5
5-16
16-64
64-250
250-1000
1000-1500
Drawn / Date
Checked / Date
Approved / Date
0.1
0.15
0.2
0.4
0.5
1.0
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
RoHS Compliancy
06-01-06
DP
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR OR
COMMUNICATED TO A THIRD PARTY WITHOUT THE
EXPRESS WRITTEN PERMISSION OF AN OFFICER OF
QUALTEK ELECTRONICS.
UNIT: mm
REV: B


Similar Part No. - 09650-M

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
09650-F QUALTEK-09650-F Datasheet
247Kb / 1P
   PLASTIC FAN FILTER ASSEMBLY
09650-G QUALTEK-09650-G Datasheet
213Kb / 1P
   PLASTIC FAN GUARD
09650-R QUALTEK-09650-R Datasheet
184Kb / 1P
   PLASTIC FAN RETAINER
More results

Similar Description - 09650-M

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
09362-M QUALTEK-09362-M Datasheet
182Kb / 1P
   FAN FILTER MEDIA
09150-M QUALTEK-09150-M Datasheet
182Kb / 1P
   FAN FILTER MEDIA
09250-M QUALTEK-09250-M Datasheet
181Kb / 1P
   FAN FILTER MEDIA
09325-M QUALTEK-09325-M Datasheet
178Kb / 1P
   FAN FILTER MEDIA
09450-M QUALTEK-09450-M Datasheet
182Kb / 1P
   FAN FILTER MEDIA
QF-40-01 QUALTEK-QF-40-01_12 Datasheet
2Mb / 1P
   Filter Media
logo
CoolCox Limited All rig...
CCFF6CM COOLCOX-CCFF6CM Datasheet
1Mb / 1P
   Fan Filter
CCFF8CM COOLCOX-CCFF8CM Datasheet
1Mb / 1P
   Fan Filter
CCFF12CM COOLCOX-CCFF12CM Datasheet
1Mb / 1P
   Fan Filter
logo
CUI Devices
CFFA-400 CUID-CFFA-400 Datasheet
337Kb / 2P
   FAN FILTER
08/05/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com