Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB1000G Datasheet(PDF) 1 Page - Won-Top Electronics

Part # PB1000G
Description  10A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PB1000G Datasheet(HTML) 1 Page - Won-Top Electronics

  PB1000G Datasheet HTML 1Page - Won-Top Electronics PB1000G Datasheet HTML 2Page - Won-Top Electronics PB1000G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PB1000G – PB1010G
1 of 3
© 2002 Won-Top Electronics
PB1000G – PB1010G
10A GLASS PASSIVATED BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
High Current Capability
!
High Case Dielectric Strength
H
!
High Surge Current Capability
J
!
Ideal for Printed Circuit Board Application
G
+
~
!
Plastic Material has Underwriters Laboratory
Flammability Classification 94V-O
E
A
~
-
E
Mechanical Data
!
Case: Molded Plastic
D
C
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 5.4 grams (approx.)
A
!
Mounting Position: Through Hole for #6 Screw
!
Mounting Torque: 5.0 Inch-pounds Maximum
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PB
1000G
PB
1001G
PB
1002G
PB
1004G
PB
1006G
PB
1008G
PB
1010G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TA = 45°C
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
180
A
Forward Voltage (per element)
@IF = 5.0A
VFM
1.0
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IR
5.0
500
µA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
160
A2s
Typical Junction Capacitance (Note 3)
Cj
220
pF
Typical Thermal Resistance (Note 4)
RJC
4.30
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Mounted on 6.0" x 2.2" x 2.2" Al. plate.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
4. Thermal resistance junction to case per element.
WT E
PO W E R SEM IC ONDUCTORS
KBPC-8
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
19.00
D
1.27 Ø Typical
E
5.33
7.37
Hole for #6 screw
G
3.60
4.00
H
12.20
13.20
J
2.38 x 45°C Typical
All Dimensions in mm


Similar Part No. - PB1000G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1000G WTE-PB1000G Datasheet
62Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PB1000G WTE-PB1000G_06 Datasheet
62Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - PB1000G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBJ10A ZSELEC-GBJ10A Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
GBJ10005 DIODES-GBJ10005_15 Datasheet
81Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ10005 ZSELEC-GBJ10005 Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ10A ZSELEC-KBJ10A Datasheet
84Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
RS1001M ZSELEC-RS1001M Datasheet
100Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
D10XB05 ZSELEC-D10XB05 Datasheet
59Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GBJ10005 YEASHIN-GBJ10005 Datasheet
371Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBJ10005 LUGUANG-GBJ10005 Datasheet
172Kb / 2P
   10A Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TU1000G TAITRON-TU1000G Datasheet
195Kb / 4P
   10A Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com