Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFW3501 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # PFW3501
Description  35A 1/2 FLAG LEAD PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PFW3501 Datasheet(HTML) 1 Page - Won-Top Electronics

  PFW3501 Datasheet HTML 1Page - Won-Top Electronics PFW3501 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PFW3500 – PFW3510
1 of 2
© 2002 Won-Top Electronics
PFW3500 – PFW3510
35A 1/2" FLAG LEAD PRESS-FIT DIODE
Features
!
Diffused Junction
!
Low Leakage
!
Low Cost
!
High Surge Current Capability
J
!
Typical IR less than 10µA
D
Mechanical Data
H
C
!
Case: All Copper Case and Components
E
Hermetically Sealed
G
!
Terminals: Contact Areas Readily Solderable
!
Polarity: Cathode to Case(Reverse Units Are
B
Available Upon Request and Are Designated
By An “R” Suffix, i.e. PFW3502R or PFW3510R)
!
Polarity: Red Color Equals Standard,
Black Color Equals Reverse Polarity
!
Mounting Position: Any
A
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol PFW3500 PFW3501 PFW3502 PFW3504 PFW3506 PFW3508 PFW3510 Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 150°C
IO
35
A
Non-Repetitive Peak Forward Surge
Current 8.3ms Single half sine-wave
superimposed on rated load
(JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 80A
VFM
1.08
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
10
500
µA
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance
Junction to Case (Note 2)
RJC
1.2
K/W
Operating and Storage Temperature Range TJ, TSTG
-65 to +175
°C
*Glass passivated forms are available upon request
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WT E
PO W E R SEM IC ONDUCTORS
DO-21 Flag Lead
Dim
Min
Max
A
15.63
16.14
B
12.75
12.83
C
8.89
10.04
D
1.25 Ø
1.30Ø
E
3.05
3.30
G
5.59
6.10
H
10.42
12.45
J
26.10
27.40
All Dimensions in mm


Similar Part No. - PFW3501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFW3501 WTE-PFW3501 Datasheet
33Kb / 2P
   35A 1/2 WASHER LEAD PRESS-FIT DIODE
More results

Similar Description - PFW3501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFW2500 WTE-PFW2500 Datasheet
26Kb / 2P
   25A 1/2 FLAG LEAD PRESS-FIT DIODE
PFW5000 WTE-PFW5000 Datasheet
26Kb / 2P
   50A FLAG LEAD 1/2 PRESS-FIT DIODE
PFW3500 WTE-PFW3500_06 Datasheet
33Kb / 2P
   35A 1/2 WASHER LEAD PRESS-FIT DIODE
PFS3500 WTE-PFS3500 Datasheet
32Kb / 2P
   35A 1/2 RUGGED LEAD PRESS-FIT DIODE
PF3500 WTE-PF3500 Datasheet
23Kb / 2P
   35A 1/2 PRESS-FIT DIODE
PF3500 WTE-PF3500_14 Datasheet
32Kb / 2P
   35A 1/2??PRESS-FIT DIODE
PF3500 WTE-PF3500_06 Datasheet
30Kb / 2P
   35A 1/2" PRESS-FIT DIODE
PFW3520 WTE-PFW3520 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PF3520 WTE-PF3520_14 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2??PRESS-FIT DIODE
PF3520 WTE-PF3520 Datasheet
29Kb / 2P
   35A AVALANCHE 1/2 PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com