Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5257B Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # ZMM5257B
Description  500mW 5% mini-M.E.L.F. ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ZMM5257B Datasheet(HTML) 1 Page - Rectron Semiconductor

  ZMM5257B Datasheet HTML 1Page - Rectron Semiconductor ZMM5257B Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1600
1.0
50
-0.075
ZMM5225B
3.0
20
29
1400
1.0
75
-0.080
ZMM5224B
2.8
20
30
1300
1.0
75
-0.080
ZMM5223B
2.7
20
30
1250
1.0
100
-0.085
(%/
oC)
1.0
100
VR (V)
IR (uA)
-0.085
MAXIMUM
REVERSE
CURRENT
1200
IZT = 1.0mA
30
MAX ZENER
IMPEDANCE
Rz (ohms)
ZMM5222B
2.5
20
30
Storage Temperature
UNIT
VALUE
SYMBOL
ITEMS
Power Dissipation
Forward Voltage @If= 10 mA
Vz Tolerence
Junction Temperature
Mechanical Data
ZENER
VOLTAGE
TYPE
MAX ZENER
VZ(V)
IZT(mA)
mW
Vf
1.1
V
PTOT
500
%
Tstg
-65 to +200
oC
5
ZMM5221B
COEFF.
dvz
2.4
20
IMPEDANCE
Rz (ohms)
IZT(mA)
TEMP
Thermal Resistance
RthJA
0.3
K/mW
Tj
-65 to +200
oC
Items
Material
Package
Case
Lead Finish
mini-MELF
Hermeticall sealed glass
Sn plating
ZMM5221B
thru
ZMM5261B
500mW 5% mini-M.E.L.F. ZENER DIODE
Hermetically Sealed, Glass Silicon Diodes
Mini MELF (LL-34), SOD - 80C
ABSOLUTE MAXIMUM RATINGS (Ta = 25
oC)
ELECTRICAL CHARACTERISTICS (Ta = 25
oC unless specified otherwise)


Similar Part No. - ZMM5257B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5257B RECTRON-ZMM5257B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shenzhen Ping Sheng Ele...
ZMM5257B PFS-ZMM5257B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5257B DIODES-ZMM5257B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5257B JGD-ZMM5257B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
EIC discrete Semiconduc...
ZMM5257B EIC-ZMM5257B Datasheet
126Kb / 2P
   ZENER DIODES
More results

Similar Description - ZMM5257B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com