Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA119CEA Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA119CEA
Description  Video Power Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA119CEA Datasheet(HTML) 5 Page - Cirrus Logic

  PA119CEA Datasheet HTML 1Page - Cirrus Logic PA119CEA Datasheet HTML 2Page - Cirrus Logic PA119CEA Datasheet HTML 3Page - Cirrus Logic PA119CEA Datasheet HTML 4Page - Cirrus Logic PA119CEA Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PA119CE • PA119CEA
PA119U
5
P r o d u c t I n n o v a t i o n F r o m
THERMAL SHUTDOWN
The thermal protection circuit shuts off the amplifier when
the substrate temperature exceeds approximately 150°C.This
allows the heatsink selection to be based on normal operating
conditions while protecting the amplifier against excessive
junction temperature during temporary fault conditions.
Thermal protection is a fairly slow-acting circuit and therefore
does not protect the amplifier against transient SOA violations
(areas outside of the steady state boundary). It is designed to
protect against short-term fault conditions that result in high
power dissipation within the amplifier. If the conditions that
cause thermal shutdown are not removed, the amplifier will
oscillate in and out of shutdown. This will result in high peak
power stresses, destroy signal integrity, and reduce the reli-
ability of the device.
STABILITY
Due to its large bandwidth, the PA119 is more likely to
oscillate than lower bandwidth power operational amplifiers.
To prevent oscillations a reasonable phrase margin must be
maintained by:
1. Selection of the proper phase compensation capacitor. Use
the values given in the table under external connections and
interpolate if necessary.The phase margin can be increased
by using a larger capacitor at the expense of slew rate.
Total physical length (pins of the PA119, capacitor leads
plus printed circuit traces) should be limited to a maximum
of 3.5 inches.
2. Keep the external sumpoint stray capacitance to ground
at a minimum and the sumpoint load resistance (input and
feedback resistors in parallel) below 500Ω. Larger sumpoint
load resistances can be used with increased phase com-
pensation and/or by bypassing the feedback resistor.
3. Connect the case to any AC ground potential.
CONTACTING CIRRUS LOGIC SUPPORT
For all Apex Precision Power product questions and inquiries, call toll free 800-546-2739 in North America.
For inquiries via email, please contact apex.support@cirrus.com.
International customers can also request support by contacting their local Cirrus Logic Sales Representative.
To find the one nearest to you, go to www.cirrus.com
IMPORTANT NOTICE
Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained in this document is accurate and reliable. However, the information is subject
to change without notice and is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant
information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale
supplied at the time of order acknowledgment, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus
for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third
parties. This document is the property of Cirrus and by furnishing this information, Cirrus grants no license, express or implied under any patents, mask work rights,
copyrights, trademarks, trade secrets or other intellectual property rights. Cirrus owns the copyrights associated with the information contained herein and gives con-
sent for copies to be made of the information only for use within your organization with respect to Cirrus integrated circuits or other products of Cirrus. This consent
does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale.
CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR SEVERE PROP-
ERTY OR ENVIRONMENTAL DAMAGE (“CRITICAL APPLICATIONS”). CIRRUS PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED TO BE
SUITABLE FOR USE IN PRODUCTS SURGICALLY IMPLANTED INTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT PROD-
UCTS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF CIRRUS PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUS-
TOMER’S RISK AND CIRRUS DISCLAIMS AND MAKES NO WARRANTY, EXPRESS, STATUTORY OR IMPLIED, INCLUDING THE IMPLIED WARRANTIES OF
MERCHANTABILITY AND FITNESS FOR PARTICULAR PURPOSE, WITH REGARD TO ANY CIRRUS PRODUCT THAT IS USED IN SUCH A MANNER. IF THE
CUSTOMER OR CUSTOMER’S CUSTOMER USES OR PERMITS THE USE OF CIRRUS PRODUCTS IN CRITICAL APPLICATIONS, CUSTOMER AGREES,
BY SUCH USE, TO FULLY INDEMNIFY CIRRUS, ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AND OTHER AGENTS FROM ANY AND ALL
LIABILITY, INCLUDING ATTORNEYS’ FEES AND COSTS, THAT MAY RESULT FROM OR ARISE IN CONNECTION WITH THESE USES.
Cirrus Logic, Cirrus, and the Cirrus Logic logo designs, Apex Precision Power, Apex and the Apex Precision Power logo designs are trademarks of Cirrus Logic, Inc.
All other brand and product names in this document may be trademarks or service marks of their respective owners.


Similar Part No. - PA119CEA

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA119CEA CIRRUS-PA119CEA Datasheet
206Kb / 5P
   Video Power Operational Amplifier
More results

Similar Description - PA119CEA

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
logo
Intersil Corporation
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
   Video Operational Amplifier
logo
Maxim Integrated Produc...
MAX404 MAXIM-MAX404 Datasheet
239Kb / 8P
   Video Operational Amplifier
Rev 0; 7/91
logo
Intersil Corporation
HA-2544 INTERSIL-HA-2544 Datasheet
853Kb / 11P
   50MHz, Video Operational Amplifier
April 1999
HA-2544 INTERSIL-HA-2544_04 Datasheet
807Kb / 11P
   50MHz, Video Operational Amplifier
logo
Renesas Technology Corp
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
HFA1205 INTERSIL-HFA1205_04 Datasheet
557Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205 Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com