Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1020DC Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB1020DC
Description  10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB1020DC Datasheet(HTML) 1 Page - Won-Top Electronics

  SB1020DC Datasheet HTML 1Page - Won-Top Electronics SB1020DC Datasheet HTML 2Page - Won-Top Electronics SB1020DC Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB1020DC – SB10100DC
1 of 3
© 2002 Won-Top Electronics
SB1020DC – SB10100DC
10A D
2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
C
!
Guard Ring Die Construction for
A
J
Transient Protection
!
High Current Capability
!
Low Power Loss, High Efficiency
B
!
High Surge Current Capability
D
E
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
G
Protection Applications
H
                          K
P
P
Mechanical Data
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
PIN 1 -
+
!
Weight: 1.7 grams (approx.)
PIN 3 -
Case PIN 2
!
Mounting Position: Any
Potive CT
!
Marking: Type Number
!
Standard Packaging: 24mm Tape (EIA-481)
PIN 1 +
-
PIN 3 +
Case PIN 2
Negative CT
Suffix with “N”
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
1020DC
SB
1030DC
SB
1040DC
SB
1050DC
SB
1060DC
SB
1080DC
SB
10100DC
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
70
V
Average Rectified Output Current
@TC = 100°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 10A
VFM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 1)
Cj
600
pF
Typical Thermal Resistance Junction to Ambient
RJA
60
K/W
Operating and Storage Temperature Range
Tj, TSTG
-50 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
D2 PAK/TO-263
Dim
Min
Max
A
9.8
10.4
B
9.6
10.6
C
4.4
4.8
D
8.5
9.1
E
—0.7
G
1.0
1.4
H
—0.9
J
1.2
1.4
K
0.3
0.7
P
2.35
2.75
All Dimensions in mm
PIN 1
2
3


Similar Part No. - SB1020DC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1020DC PANJIT-SB1020DC Datasheet
46Kb / 2P
   D2PAK SURFACT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 10 Ampere)
logo
Won-Top Electronics
SB1020DC WTE-SB1020DC Datasheet
49Kb / 4P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1020DC PANJIT-SB1020DC Datasheet
426Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB1020DC PANJIT-SB1020DC Datasheet
124Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1020DC-T3 WTE-SB1020DC-T3 Datasheet
49Kb / 4P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB1020DC

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB1620DC TRSYS-SB1620DC Datasheet
148Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D TRSYS-SB820D Datasheet
146Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB820D WTE-SB820D Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB1620DC WTE-SB1620DC Datasheet
44Kb / 3P
   16A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBG1030CT DIODES-SBG1030CT Datasheet
45Kb / 2P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. B-2
SBG1030CT DIODES-SBG1030CT_1 Datasheet
77Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. 4 - 2
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
logo
Won-Top Electronics
SB1020DC WTE-SB1020DC_06 Datasheet
49Kb / 4P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SD1020S WTE-SD1020S Datasheet
44Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com