Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13CB Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS13CB
Description  SOLID ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13CB Datasheet(HTML) 1 Page - Suntan Capacitors

  TS13CB Datasheet HTML 1Page - Suntan Capacitors TS13CB Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
TS13C HVC
F E A T U R E S
105℃ 2000h assured
Low ESR, Solid capacitors of SMD type
Polymer
Specifications
ITEMS CHARACTERI
STICS
Operating Temperature Range(℃)
-55~+105
Capacitance Tolerance (20℃, 120Hz)
±
20%
Rated Voltage Range (V)
2.5~16
Dissipation Factor (20℃, 120Hz)
Less than the specification (20℃, 120Hz)
Leakage Current (μA)
Less than the specification (20℃, 0.2CV, 2min)
Equivalent Series Resistance
Less than the specification (20℃, 120Hz)
Capacitance change rate
Less than ±20% of the initial value
Dissipation Factor
Less than 150% of the specified value
ESR
Less than 150% of the specified value
Loading Life 105℃, 2000h
Rated Voltage Applied
Leakage Current
Less than the specified value
Capacitance change rate
Less than ±20% of the initial value
Dissipation Factor
Less than 150% of the specified value
ESR
Less than 150% of the specified value
Moisture Resistance 60℃,
90-95%RH, 100h
Rated Voltage Applied
Leakage Current
Less than the specified value
Capacitance change rate
Less than ±20% of the initial value
Dissipation Factor
Less than 150% of the specified value
ESR
Less than 150% of the specified value
Surge Voltage
Characteristic
105℃, 1000cycles
Surge Voltage Applied
Leakage Current
Less than the specified value
Standard
Satisfies Characteristic W of JIS-C-5101-1
Diagram of Dimensions
LEAD SPACING AND DIAMETER
Code
Ø
D
L
A
B
C
W
P±0.2
B12
8
11.8±0.5
8.4
8.4
3.0
0.7~1.1
3.1
C13
10
12.7±0.5
10.4
10.4
3.3
0.7~1.1
4.7
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13CB

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13CB SUNTAN-TS13CB Datasheet
302Kb / 2P
   SOLID ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13CB

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13EB-CDHCP SUNTAN-TS13EB-CDHCP Datasheet
158Kb / 2P
   SOLID ALUMINUM ELECTROLYTIC CAPACITOR
TS13EC-CDHPM SUNTAN-TS13EC-CDHPM Datasheet
151Kb / 1P
   SOLID ALUMINUM ELECTROLYTIC CAPACITOR
TS13CB SUNTAN-TS13CB Datasheet
302Kb / 2P
   SOLID ALUMINUM ELECTROLYTIC CAPACITOR
TS13EB-CDHCP SUNTAN-TS13EB-CDHCP_17 Datasheet
158Kb / 2P
   SOLID ALUMINUM ELECTROLYTIC CAPACITOR
TS13EC-CDHPM SUNTAN-TS13EC-CDHPM_17 Datasheet
150Kb / 1P
   SOLID ALUMINUM ELECTROLYTIC CAPACITOR
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com