Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1030F Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SB1030F
Description  10A ISOLATION SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB1030F Datasheet(HTML) 2 Page - Won-Top Electronics

  SB1030F Datasheet HTML 1Page - Won-Top Electronics SB1030F Datasheet HTML 2Page - Won-Top Electronics SB1030F Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
2
4
6
8
10
10
40
60
80
100
120
140150
T , LEAD TEMPERATURE (º C)
Fig. 1 Forward Current Derating Curve
L
Single Pulse Half-Wave
60 Hz Resistive or Inductive Load
100
1000
2000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
0.1
10
20
40
0
0.5
1.0
1.5
2.0
2.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
1020F - 1040F
1050F - 1060F
1080F - 10100F
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ
SB1020F – SB10100F
2 of 3
© 2002 Won-Top Electronics


Similar Part No. - SB1030F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1030F PANJIT-SB1030F Datasheet
44Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1030F TRSYS-SB1030F Datasheet
149Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1030F WTE-SB1030F Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB1030F PACELEADER-SB1030F Datasheet
297Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1030F PANJIT-SB1030F Datasheet
93Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1030F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1020FCT WTE-SB1020FCT Datasheet
39Kb / 3P
   10A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB620FCT PACELEADER-SB620FCT Datasheet
270Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820FCT PACELEADER-SB820FCT Datasheet
322Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820F PACELEADER-SB820F Datasheet
308Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB620F PACELEADER-SB620F Datasheet
153Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820CT PACELEADER-SB820CT Datasheet
270Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com