Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13DP-CD293 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS13DP-CD293
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DP-CD293 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS13DP-CD293 Datasheet HTML 1Page - Suntan Capacitors TS13DP-CD293 Datasheet HTML 2Page - Suntan Capacitors TS13DP-CD293 Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
G E N E R A L , M I N I A T U R I Z E D
TS13D CD293
F E A T U R E S
Load life of 2000 hours at 85℃
High ripple current
Smaller size
PCB Mounting
 Specifications
IT
EMS PERFORMANCE
CHARACTERISTICS
Operating Temperature Range(℃)
-40~+85 (450WV:-25~+85)
Capacitance Tolerance(25℃, 120Hz)
±
20%
Leakage Current(μA)
0.01CV or 1.5mA whichever is smaller. (at 25℃, after 5 minutes)
C: Nominal Capacitance (μF) V: Rated Voltage (V)
Dissipation Factor(25℃, 120Hz)
Rated voltage(V)
Cap(μF)
10~16
25
35~50
63
80~100
2700
----
----
0.20
0.15
0.15
3300~4700
----
0.35
0.25
0.20
0.15
Rated voltage(V)
Φ
D(mm)
160~200
250~400
5600~6800
0.40
0.35
0.30
0.20
0.20
22~30
0.10
0.15
8200
0.40
0.35
0.35
0.25
35
0.12
0.15
Temperature Stability (120Hz)
Rated Voltage (V)
10
16~35
50~100
160~200
250~400
450
Z-25℃/Z+20℃
5
4
3
3
4
4
Impedance
Ratio
Z-40℃/Z+20℃
18
15
10
6
8
--
Load Life (+85℃)
Time
2000hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
Shelf Life (+85℃)
Time
1000hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within±15% of the initial value
Dissipation Factor
Not more than 150% of the specified value.
After test: UR to be applied for 60 minutes, 24 to 48 hours before measurement.
 Dimensions
mm
 Multiplier for ripple current
Frequency coefficient
Frequency(Hz)
Rated Voltage(V)
50
120
1K
10K
20K
≤50
0.95
1
1.10
1.15
1.15
63~100
0.95
1
1.16
1.30
1.33
≥160
0.95
1
1.20
1.50
1.55
Temperature coefficient
Temperature(℃)
Rated Voltage(V)
+40
+55
+70
+85
<160
2.1
1.8
1.5
1
≥160
1.7
1.5
1.3
1
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13DP-CD293

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DP-CD293 SUNTAN-TS13DP-CD293_17 Datasheet
198Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13DP-CD293

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com