Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13EH-CD137 Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TS13EH-CD137
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13EH-CD137 Datasheet(HTML) 2 Page - Suntan Capacitors

  TS13EH-CD137 Datasheet HTML 1Page - Suntan Capacitors TS13EH-CD137 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
TS13E CD137
■STANDARD RATINGS
Outline Size
Rated Voltage
(V.DC)
Surge Voltage
(V.DC)
Rated Capacitance
(μF)
Leakage Current
Max (mA)
Dissipation Factor
Max
Ripple Current
85℃ 120Hz (Arms)
Code
DxL (mm)
2200
5.0
0.15
8.8
C12R
561x115
2700
5.0
0.15
10.2
C13R
51x130
3300
5.0
0.15
11.0
D10R
64x96
3900
5.0
0.15
12.8
D12R
64x115
4700
5.0
0.15
14.8
D13R
64x130
5600
5.0
0.15
16.2
E12R
77x115
6800
5.0
0.15
18.7
E13R
77x130
8200
5.0
0.15
22.0
E16R
77x155
5.0
0.15
26.7
E20R
77x195
10000
5.0
0.15
24.2
F13R
90x131
12000
5.0
0.15
28.5
F16R
90x157
15000
5.0
0.15
34.8
F20R
90x196
18000
5.0
0.15
41.2
F24R
90x236
400
450
22000
5.0
0.15
47.0
G24R
101x237
1800
5.0
0.15
7.6
C12R
51x115
2200
5.0
0.15
8.8
C13R
51x130
2700
5.0
0.15
9.5
D10R
64x96
3300
5.0
0.15
11.2
D12R
64x115
3900
5.0
0.15
12.8
D13R
64x130
4700
5.0
0.15
14.1
E12R
77x115
5600
5.0
0.15
16.2
E13R
77x130
6800
5.0
0.15
19.1
E16R
77x155
5.0
0.15
23.0
E20R
77x195
8200
5.0
0.15
21.0
F13R
90x131
10000
5.0
0.15
25.7
F17R
90x171
5.0
0.15
29.7
F20R
90x196
12000
5.0
0.15
29.3
G18R
101x175
5.0
0.15
35.9
F24R
90x236
15000
5.0
0.15
34.2
G20R
101x195
450
500
18000
5.0
0.15
40.5
G24R
101x237
5.0
0.20
6.2
C12R
51x115
1200
5.0
0.20
6.3
D10R
64x96
5.0
0.20
7.3
C13R
51x130
1500
5.0
0.20
7.1
D10R
64x96
1800
5.0
0.20
8.3
D12R
64x115
2200
5.0
0.20
9.6
D13R
64x130
2700
5.0
0.20
10.7
E12R
77x115
3300
5.0
0.20
12.4
E13R
77x130
3900
5.0
0.20
14.4
E16R
77x155
5.0
0.20
16.5
E17R
77x171
4700
5.0
0.20
15.8
F13R
90x131
5.0
0.20
19.0
E20R
77x195
5600
5.0
0.20
18.6
F16R
90x157
6800
5.0
0.20
21.2
F17R
90x171
5.0
0.20
24.5
F20R
90x196
8200
5.0
0.20
24.2
G18R
101x175
5.0
0.20
29.3
F24R
90x236
10000
5.0
0.20
27.9
G20R
101x195
500
550
12000
5.0
0.20
33.1
G24R
101x237
1000
5.0
0.20
5.9
C13R
51x130
1200
5.0
0.20
6.8
D12R
64x115
1500
5.0
0.20
8.0
D13R
64x130
1800
5.0
0.20
8.7
E12R
77x115
2200
5.0
0.20
10.1
E13R
77x130
2700
5.0
0.20
12.0
E16R
77x155
3300
5.0
0.20
13.3
E16R
77x155
3900
5.0
0.20
15.5
F16R
90x157
4700
5.0
0.20
17.6
F17R
90x171
5600
5.0
0.20
20.3
F20R
90x196
6800
5.0
0.20
24.1
F24R
90x236
550
600
8200
5.0
0.20
27.3
G24R
101x237
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13EH-CD137

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13EH-CD137 SUNTAN-TS13EH-CD137_17 Datasheet
293Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13EH-CD137

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com