Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIR2085STR Datasheet(PDF) 10 Page - International Rectifier

Part # AUIR2085STR
Description  HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIR2085STR Datasheet(HTML) 10 Page - International Rectifier

Back Button AUIR2085STR Datasheet HTML 6Page - International Rectifier AUIR2085STR Datasheet HTML 7Page - International Rectifier AUIR2085STR Datasheet HTML 8Page - International Rectifier AUIR2085STR Datasheet HTML 9Page - International Rectifier AUIR2085STR Datasheet HTML 10Page - International Rectifier AUIR2085STR Datasheet HTML 11Page - International Rectifier AUIR2085STR Datasheet HTML 12Page - International Rectifier AUIR2085STR Datasheet HTML 13Page - International Rectifier AUIR2085STR Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AUIR2085S
www.irf.com
© 2008 International Rectifier
10
Lead Definitions
PIN
Symbol
Description
1
CS
Current sense input
2
OSC
Oscillator pin
3
COM
Logic supply return
4
LO
Low side output
5
VCC
Logic supply
6
VS
Floating supply return
7
HO
High side output
8
VB
High side floating supply
Lead Assignments


Similar Part No. - AUIR2085STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIR2085S IRF-AUIR2085S Datasheet
333Kb / 16P
   HIGH SPEED, 100V, SELF OSCILLATING
logo
Infineon Technologies A...
AUIR2085S INFINEON-AUIR2085S Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
International Rectifier
AUIR2085S IRF-AUIR2085S_15 Datasheet
333Kb / 16P
   HIGH SPEED, 100V, SELF OSCILLATING
More results

Similar Description - AUIR2085STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2085S IRF-IR2085S Datasheet
213Kb / 9P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR2085STR IRF-IR2085STR Datasheet
200Kb / 8P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR2086S IRF-IR2086S Datasheet
152Kb / 8P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
IR2086STRPBF IRF-IR2086STRPBF Datasheet
172Kb / 9P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
   Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com