Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIR2085STR Datasheet(PDF) 11 Page - International Rectifier

Part # AUIR2085STR
Description  HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIR2085STR Datasheet(HTML) 11 Page - International Rectifier

Back Button AUIR2085STR Datasheet HTML 7Page - International Rectifier AUIR2085STR Datasheet HTML 8Page - International Rectifier AUIR2085STR Datasheet HTML 9Page - International Rectifier AUIR2085STR Datasheet HTML 10Page - International Rectifier AUIR2085STR Datasheet HTML 11Page - International Rectifier AUIR2085STR Datasheet HTML 12Page - International Rectifier AUIR2085STR Datasheet HTML 13Page - International Rectifier AUIR2085STR Datasheet HTML 14Page - International Rectifier AUIR2085STR Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AUIR2085S
www.irf.com
© 2008 International Rectifier
11
Pin Descriptions
Cs:
The input pin to the overcurrent comparator. Exceeding the overcurrent threshold value specified in
“Static Electrical Parameters” Section will terminate output pulses and start a new soft start cycle as soon as
the voltage on the pin reduce below the threshold value.
OSC:
The oscillator-programming pin. Only two components are required to program the internal oscillator
frequency: a resistor connected between the VCC pin and the OSC pin, and a capacitor connected from the
OSC to COM. The approximate oscillator frequency is determined by the following simple formula:
fOSC = 1 / (2 · RT · CT)
Where frequency is in Hertz (Hz), RT resistance in Ohms (Ω) and CT capacitance in Farads (F). The
recommended range of timing resistors is between 10kΩ and 100kΩ and range of time capacitances is
between 47pF and 470pF. The timing resistors less than 10kΩ should be avoided. The value of the timing
capacitor determines the amount of dead time between the two output drivers: lower the CT, shorter the
dead time and vice versa. It is not recommended to use a timing capacitor below 47pF, for best performance
keep the timing components physically as close as possible to the AUIR2085S. Separated ground and VCC
traces to the timing components are encouraged.
COM:
Signal ground and power ground for all functions. Due to high current and high frequency operation, a
low impedance circuit board ground plane is highly recommended.
HO, LO:
High side and low side gate drive pins. The high and low side drivers can directly drive the gate of a
power MOSFET. The drivers are capable of 1A peak source and sink currents. It is recommended that the
high and low drive pins be very close to the gates of the high side and low side MOSFETs to prevent any
delay and distortion of the drive signals.
VB: The high side power input connection. The high side supply is derived from a bootstrap circuit using a
low-leakage Schottky diode and a ceramic capacitor. To prevent noise, the Schottky diode and bypass
capacitor should be very close to the AUIR2085S.
VS: The high side power return connection. VS should be connected directly to the source terminal of high
side MOSFET with a trace as short as possible.
VCC: The IC bias input connection for the device. Although the quiescent VCC current is very low, total supply
current will be higher, depending on the gate charge of the MOSFETs connected to the HO and LO pins, and
the programmed oscillator frequency, total VCC current is the sum of quiescent VCC current and the average
current at HO and LO. Knowing the operating frequency and the MOSFET gate charge (Qg) at selected VCC
voltage, the average current can be calculated from:
Iave = 2 x Qg X fOSC
To prevent noise problem, a bypass ceramic capacitor connected to VCC and COM should be placed as
close as possible to the AUIR2085S.
AUIR2085S has an under voltage lookout feature for the IC bias supply, VCC. The minimum voltage required
on VCC to make sure that IC will work within specifications must be higher than 8.5V (10V minimum VCC is
recommended to prevent asymmetrical gates signal on HO and LO pins that are expected when VCC is
between 7.5V and 8.5V).


Similar Part No. - AUIR2085STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIR2085S IRF-AUIR2085S Datasheet
333Kb / 16P
   HIGH SPEED, 100V, SELF OSCILLATING
logo
Infineon Technologies A...
AUIR2085S INFINEON-AUIR2085S Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
International Rectifier
AUIR2085S IRF-AUIR2085S_15 Datasheet
333Kb / 16P
   HIGH SPEED, 100V, SELF OSCILLATING
More results

Similar Description - AUIR2085STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2085S IRF-IR2085S Datasheet
213Kb / 9P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR2085STR IRF-IR2085STR Datasheet
200Kb / 8P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR2086S IRF-IR2086S Datasheet
152Kb / 8P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
IR2086STRPBF IRF-IR2086STRPBF Datasheet
172Kb / 9P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
   Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com