Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34051 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 34051
Description  INDUCTOR, 1500 關H, 0.62 ADC, BUCK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34051 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34051 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS
.890
MAX
.990 ±.020
.550
MAX
.150 MIN
PINS:
.030 X .015 ±.003
1.287
MAX
.140 TYP
INDEX
1
2
3
4
5
6
JUMPER ON PC BOARD 1,2,3
JUMPER ON PC BOARD 4,5,6
PIN NUMBERS ARE FOR
REFERENCE ONLY AND
DO NOT APPEAR ON PART
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
+
-
+
-
+
-
PART NUMBER
REV
PAGE 1 END
A
34051
TOLERANCES
UNLESS OTHERWISE NOTED
2 PLACE
3 PLACE
ANGLE
-
-
°
TITLE
INDUCTOR, 1500 µH,
0.62 ADC, BUCK
1. TEMP CLASS 130°C.
2. INDUCTANCE (1,2,3-4,5,6): 1400 - 1600 µH
@ 0.1 Vrms, 10 KHz.
3. DC RESISTANCE (1,2,3-4,5,6): 0.260 OHM MAX.
4. HIPOT: 250 VDC.
(2 SECONDS, 5 mA MAX)
THIS INDUCTOR IS FOR USE WITH
NATIONAL SEMICONDUCTOR REGULATORS
LM1575-XX/LM2575-XX
LK1577-XX/LM2577-XX
AGENCY APPROVAL:
N/A
CATALOG NUMBER:
67127120


Similar Part No. - 34051

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3405 ASM-SENSOR-3405 Datasheet
1,010Kb / 2P
   DREHZAHLMESSER
logo
Heyco.
3405 HEYCO-3405 Datasheet
114Kb / 1P
   Heyco® PG and Metric Threaded Plugs
logo
Schurter Inc.
3405.0163.11 SCHURTER-3405.0163.11 Datasheet
315Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
3405.0163.11 SCHURTER-3405.0163.11 Datasheet
376Kb / 4P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
04.01.2022
3405.0163.24 SCHURTER-3405.0163.24 Datasheet
315Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
More results

Similar Description - 34051

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
34044 SCHOTT-34044 Datasheet
13Kb / 1P
   INDUCTOR, 680 關H, 0.62 ADC, BUCK
35067 SCHOTT-35067 Datasheet
14Kb / 1P
   INDUCTOR, PQ2007, 0.62 關H, 45 ADC
34050 SCHOTT-34050 Datasheet
13Kb / 1P
   INDUCTOR, 1000 關H, 0.90 ADC, BUCK
34038 SCHOTT-34038 Datasheet
12Kb / 1P
   INDUCTOR, 68 關H, 3 ADC, BUCK
34043 SCHOTT-34043 Datasheet
13Kb / 1P
   INDUCTOR, 470 關H, 0.95 ADC, BUCK
34046 SCHOTT-34046 Datasheet
13Kb / 1P
   INDUCTOR, 220 關H, 3 ADC, BUCK
34048 SCHOTT-34048 Datasheet
13Kb / 1P
   INDUCTOR, 470 關H, 1.9 ADC, BUCK
34052 SCHOTT-34052 Datasheet
13Kb / 1P
   INDUCTOR, 2200 關H, 0.42 ADC, BUCK
34037 SCHOTT-34037 Datasheet
12Kb / 1P
   INDUCTOR, 47 關H, 3 ADC, BUCK
34039 SCHOTT-34039 Datasheet
12Kb / 1P
   INDUCTOR, 100 關H, 3 ADC, BUCK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com