Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF2804S Datasheet(PDF) 6 Page - International Rectifier

Part # AUIRF2804S
Description  HEXFET짰 Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF2804S Datasheet(HTML) 6 Page - International Rectifier

Back Button AUIRF2804S Datasheet HTML 2Page - International Rectifier AUIRF2804S Datasheet HTML 3Page - International Rectifier AUIRF2804S Datasheet HTML 4Page - International Rectifier AUIRF2804S Datasheet HTML 5Page - International Rectifier AUIRF2804S Datasheet HTML 6Page - International Rectifier AUIRF2804S Datasheet HTML 7Page - International Rectifier AUIRF2804S Datasheet HTML 8Page - International Rectifier AUIRF2804S Datasheet HTML 9Page - International Rectifier AUIRF2804S Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AUIRF2804/S/L
6
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs.
CaseTemperature
Fig 10. Normalized On-Resistance
vs. Temperature
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 75A
VGS = 10V
1E-008
1E-007
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
Limited By Package


Similar Part No. - AUIRF2804S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AUIRF2804S ETC2-AUIRF2804S Datasheet
290Kb / 15P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRF2804S INFINEON-AUIRF2804S Datasheet
757Kb / 13P
   AUTOMOTIVE GRADE
2015-9-30
logo
International Rectifier
AUIRF2804S-7P IRF-AUIRF2804S-7P Datasheet
292Kb / 13P
   HEXFET짰 Power MOSFET
logo
Infineon Technologies A...
AUIRF2804S-7P INFINEON-AUIRF2804S-7P Datasheet
360Kb / 11P
   AUTOMOTIVE GRADE
2015-11-11
AUIRF2804S-7TRL INFINEON-AUIRF2804S-7TRL Datasheet
360Kb / 11P
   AUTOMOTIVE GRADE
2015-11-11
More results

Similar Description - AUIRF2804S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com