Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB16100CT Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SB16100CT
Description  16A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB16100CT Datasheet(HTML) 3 Page - Won-Top Electronics

  SB16100CT Datasheet HTML 1Page - Won-Top Electronics SB16100CT Datasheet HTML 2Page - Won-Top Electronics SB16100CT Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB1620CT – SB16100CT
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SB1620CT
TO-220
50 Units/Tube
SB1630CT
TO-220
50 Units/Tube
SB1640CT
TO-220
50 Units/Tube
SB1650CT
TO-220
50 Units/Tube
SB1660CT
TO-220
50 Units/Tube
SB1680CT
TO-220
50 Units/Tube
SB16100CT
TO-220
50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SB16100CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB16100CT PANJIT-SB16100CT Datasheet
57Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
logo
Won-Top Electronics
SB16100CT WTE-SB16100CT Datasheet
48Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB16100CT PACELEADER-SB16100CT Datasheet
302Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB16100CT FORMOSA-SB16100CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
SB16100CT SUNMATE-SB16100CT Datasheet
514Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB16100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630 Datasheet
66Kb / 2P
   16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. C-2
logo
Won-Top Electronics
SB1630 WTE-SB1630 Datasheet
48Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630PT DIODES-SBL1630PT_15 Datasheet
63Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SBL1630CT DIODES-SBL1630CT_1 Datasheet
70Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
logo
SemiWell Semiconductor
F16M40CT SEMIWELL-F16M40CT Datasheet
165Kb / 3P
   16A Schottky Barrier Rectifier
P16M40CT SEMIWELL-P16M40CT Datasheet
157Kb / 3P
   16A Schottky Barrier Rectifier
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630_1 Datasheet
75Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. 4 - 2
SBL1640CT DIODES-SBL1640CT Datasheet
93Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com