Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRS2016S Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRS2016S
Description  High Side Driver with Internal Vs Recharge
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS2016S Datasheet(HTML) 5 Page - International Rectifier

  AUIRS2016S Datasheet HTML 1Page - International Rectifier AUIRS2016S Datasheet HTML 2Page - International Rectifier AUIRS2016S Datasheet HTML 3Page - International Rectifier AUIRS2016S Datasheet HTML 4Page - International Rectifier AUIRS2016S Datasheet HTML 5Page - International Rectifier AUIRS2016S Datasheet HTML 6Page - International Rectifier AUIRS2016S Datasheet HTML 7Page - International Rectifier AUIRS2016S Datasheet HTML 8Page - International Rectifier AUIRS2016S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AUIRS2016S(TR)
www.irf.com
© 2008 International Rectifier
5
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur.
All
voltage parameters are absolute voltages referenced to GND, all currents are defined positive into any lead.
An operation above the absolute maximum limit is not implied and could damage the part.
Symbol
Definition
Min.
Max.
Units
VBS
High Side Floating Supply Voltage
-0.3
20
V
VB
High Side Driver Output Stage Voltage,
Neg. transient: 0.5 ms, external MOSFET off
-5.0
166
V
VS
High Side Floating Supply Offset Voltage
Neg. transient 0.4 µs
-8.0
150
V
VHO
Output Voltage Gate Connection
VS – 0.3
VB + 0.3
V
VCC
Supply Voltage
-0.3
20
V
VIN
Input Voltage
-0.3
VCC + 0.3
V
IIN
Input Injection Current. Full function, no latch-up;
(guaranteed by design)
. Test at 5V and 7V on Eng. Samples.
---
+1
mA
VRES
Reset Input Voltage
-0.3
VCC + 0.3
V
VESD
Electrostatic Discharge Voltage(Human body model)
2k
V
VCDM
Charge Device Model CDM, EOS/ESD Ass. Std 5.3.
Number of discharges per pin: 6
2K
V
dV/dt
Allowable Offset Voltage Slew Rate
-50
50
V/nsec
TJ
Junction Temperature
-55
150
TS
Storage Temperature
-55
150
ºC


Similar Part No. - AUIRS2016S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS20161S IRF-AUIRS20161S Datasheet
316Kb / 25P
   One high side output and internal low side Vs recharge.
AUIRS20162S IRF-AUIRS20162S Datasheet
548Kb / 20P
   Leadfree, RoHS compliant
logo
Infineon Technologies A...
AUIRS20162S INFINEON-AUIRS20162S Datasheet
548Kb / 20P
   Leadfree, RoHS compliant
December 10, 2014
logo
International Rectifier
AUIRS20162S IRF-AUIRS20162S_15 Datasheet
548Kb / 20P
   Leadfree, RoHS compliant
More results

Similar Description - AUIRS2016S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS20161S IRF-AUIRS20161S Datasheet
316Kb / 25P
   One high side output and internal low side Vs recharge.
IR20153S IRF-IR20153S Datasheet
220Kb / 15P
   HIGH SIDE DRIVER WITH RECHARGE
logo
Fairchild Semiconductor
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_1 Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_12 Datasheet
407Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085 Datasheet
274Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085M_GF085 FAIRCHILD-FAN7085M_GF085 Datasheet
407Kb / 14P
   FAN7085_GF085 High Side Gate Driver with Recharge FET
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com