Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3527MTRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3527MTRPBF
Description  XPHASE3TM DUAL PHASE IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3527MTRPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3527MTRPBF Datasheet HTML 1Page - International Rectifier IR3527MTRPBF Datasheet HTML 2Page - International Rectifier IR3527MTRPBF Datasheet HTML 3Page - International Rectifier IR3527MTRPBF Datasheet HTML 4Page - International Rectifier IR3527MTRPBF Datasheet HTML 5Page - International Rectifier IR3527MTRPBF Datasheet HTML 6Page - International Rectifier IR3527MTRPBF Datasheet HTML 7Page - International Rectifier IR3527MTRPBF Datasheet HTML 8Page - International Rectifier IR3527MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IR3527
Page 4 of 20
V3.0
Note:
1. Maximum GATEHx – SWx = 8V
2.
Maximum BOOSTx – GATEHx = 8V
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH
MARGIN
8.0V
” V
CC
” 28V, 4.75V ” VCCL ” 7.5V, 0oC ” T
J
” 125oC
ELECTRICAL CHARACTERISTICS
The electrical characteristics involve the spread of values guaranteed within the recommended operating conditions.
Typical values represent the median values, which are related to 25°C. 0.5V
” 9 '$&,1 ” 9, 500kHz ” &/.,1 ”
9MHz, 250kHz
” 3+6,1 ”0+] C
GATEH = 3.3nF, CGATEL = 6.8nF (unless otherwise specified).
19
GATEH2
40V
-0.3V DC, -5V for
100ns
3A for 100ns,
100mA DC
3A for 100ns,
100mA DC
20
SW2
34V
-0.3V DC, -5V for
100ns
3A for 100ns,
100mA DC
n/a
21
VCC
34V
-0.3V
n/a
20mA
22
CSIN2+
8V
-0.3V
1mA
1mA
23
CSIN2-
8V
-0.3V
1mA
1mA
24
CSIN1-
8V
-0.3V
1mA
1mA
25
LGND
n/a
n/a
n/a
n/a
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Gate Drivers
GATEHx Source
Resistance
BOOSTx – SWx = 7V. Note 1
1.3
3.3
Ÿ
GATEHx Sink Resistance
BOOSTx – SWx = 7V. Note 1
1.3
3.3
Ÿ
GATELx Source Resistance VCCLx – PGND = 7V. Note 1
1.3
3.3
Ÿ
GATELx Sink Resistance
VCCLx – PGND = 7V. Note 1
0.5
1.3
Ÿ
GATEHx Source Current
BOOSTx=7V, GATEHx=2.5V, SW=0V.
Note 1
1.3
A
GATEHx Sink Current
BOOSTx=7V, GATEHx=2.5V, SWx=0V.
Note 1
1.3
A
GATELx Source Current
VCCLx=7V, GATELx=2.5V, PGND=0V.
Note 1
1.3
A
GATELx Sink Current
VCCLx=7V, GATELx=2.5V, PGND=0V.
Note 1
2.6
A
GATEHx Rise Time
BOOSTx – SWx = 7V, measure 1V to 4V
transition time
6
13
ns
GATEHx Fall Time
BOOSTx - SWx = 7V, measure 4V to 1V
transition time
6
13
ns
GATELx Rise Time
VCCLx – PGND = 7V, Measure 1V to 4V
transition time
12
26
ns
GATELx Fall Time
VCCLx – PGND = 7V, Measure 4V to 1V
transition time
6
13
ns


Similar Part No. - IR3527MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTRPBF IRF-IR35201MTRPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTYPBF IRF-IR35201MTYPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MxxyyTRP1 IRF-IR35201MxxyyTRP1 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
   61 Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR3527MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508Z IRF-IR3508Z Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3507 IRF-IR3507 Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3505 IRF-IR3505 Datasheet
293Kb / 19P
   XPHASE3TM PHASE IC
IR3529 IRF-IR3529 Datasheet
451Kb / 22P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3507Z IRF-IR3507Z Datasheet
475Kb / 19P
   XPHASE3TM PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com