Electronic Components Datasheet Search |
|
G12SB100K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC. |
|
G12SB100K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC. |
1 / 4 page TOCOS AMERICA, INC. 1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 88 Specifications Electrical Standard Resistance Range . . . . . . . . . . . . . . 10 Ω to 1MΩ (standard 1, 2 & 5 sequence ) Resistance Tolerance . . . . . . . . . . . . . . . 10% and 20% End Resistance . . . . . . . . . . 1% or 3 Ω, whichever is greater Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . . . Linear Peak Noise (C.R.V.) . . . . . . . 1% or 1 Ω, whichever is greater Power Rating . . . . . . . . 1.0 watt at 70 C, 0 watt at 125 C Maximum Input Voltage . . . . . . . . 300VDC or power rating, whichever is smaller Temperature Coefficient . . . 100 ppm / C, 200 Ω to 500kΩ 250 ppm / C, other values Insulation Resistance . . . . . 1,000M Ω minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . 900VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 270 10 Mechanical Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 300 10 Shaft Torque . . . . . . . . . . . . . . 350 gf • cm (4.85 oz • in) max. Stop Strength . . . . . . . . . . . . . . 2 kgf • cm (27.73 oz • in) min. Flammability of Plastic Materials . . . . . . . Meets UL 94V-0 Nominal Weight . . . . . . . . . . . . . . . . . . 1.5g (P); 2.4g (S, X ) Marking . . . . . . . . Resistance code, date code, model type, terminal identification (side adjust only) Environmental Temperature Range . . . . . . . . . . . . . . . . . 55 Cto 125 C Low Temperature Exposure . . . . . . . . . . . . 55 C, 2 hours ∆T/R ) 1% High Temperature Exposure . . . . . . . . . 125 C, 250 hours ∆T/R ) 2%, S.S. ) 1% Load Life . . . . . . . . . . . . . . . . . 70 C, 1.0 watt, 1,000 hours ∆T/R ) 3%, S.S. ) 1% Thermal Shock . . . . . . . . . . . . . . . . . . . . . . 55 C, 125 C, 30 minutes each, 5 cycles ∆T/R ) 1%, S.S. ) 1% Shock . . . . . . . . . . . . . 50G, 6ms, 6 directions, 3 times each ∆T/R ) 2%, S.S. ) 1% Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude, 20G, 12 hours ∆T/R ) 1%, S.S. ) 1% Humidity . . . . . . . . . . . . . . . . . . . . . . . . 40 C, 90-95%RH, 1.0 watt, 500 hours ∆T/R ) 3%, S.S. ) 1% Moisture Resistance . . . . . . 10 C to 65 C, 80-98%RH, 1.0 watt, 10 cycles, 240 hours ∆T/R ) 3% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds ∆T/R ) 1% Seal Test . . . . . . . . . . . . . . . . 85 C, hot water for 1 minute Rotational Life . . . . . . . . . . 100 cycles without discontinuity ∆T/R ) 2%) ∆T/R = Total Resistance Change; S.S. = Setting Stability (voltage ratio) G12 Series 1/2” Round, Single-Turn, Through-Hole Sealed Cermet Trimmers TOCOS® POTENTIOMETERS Features 1/2” round, single-turn, through-hole, sealed cermet trimmers Dial markings for quick adjustment 3 standard models, top and side adjust Cross-slot adjustment flush with housing PC board stand-offs 1.0 watt power rating Low noise and low TC Wide temperature range of 55 C to 125 C Meets UL 94V-0 flammability requirements Sealed to withstand wave soldering and immersion cleaning processes |
Similar Part No. - G12SB100K |
|
Similar Description - G12SB100K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |