Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTA20003R3S Datasheet(PDF) 11 Page - International Rectifier

Part # HTA20003R3S
Description  HIGH RELIABILITY DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20003R3S Datasheet(HTML) 11 Page - International Rectifier

Back Button HTA20003R3S Datasheet HTML 6Page - International Rectifier HTA20003R3S Datasheet HTML 7Page - International Rectifier HTA20003R3S Datasheet HTML 8Page - International Rectifier HTA20003R3S Datasheet HTML 9Page - International Rectifier HTA20003R3S Datasheet HTML 10Page - International Rectifier HTA20003R3S Datasheet HTML 11Page - International Rectifier HTA20003R3S Datasheet HTML 12Page - International Rectifier HTA20003R3S Datasheet HTML 13Page - International Rectifier HTA20003R3S Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.irf.com
11
HTA-SERIES
Efficiency Curve for HTA20003R3S
Efficiency Curve for HTA20005S
Fig IX. 25°C Efficiency vs. Output Loading
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
01
2
3
45
Output Load (A)
150 Vin
200 Vin
250 Vin
Fig VIII. Efficiency vs. Temperature
65
66
67
68
69
70
71
72
73
74
75
0
20
40
60
80
100
120
140
160
180
200
Temperature C
150 Vin
200 Vin
250 Vin


Similar Part No. - HTA20003R3S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HTA20003R3S IRF-HTA20003R3S Datasheet
170Kb / 14P
   HIGH RELIABILITY DC-DC CONVERTER
HTA20003R3S/EM IRF-HTA20003R3S/EM Datasheet
170Kb / 14P
   HIGH RELIABILITY DC-DC CONVERTER
HTA20003R3SEM IRF-HTA20003R3SEM Datasheet
197Kb / 14P
   HIGH TEMPERATURE DC-DC CONVERTER
HTA20003R3SN IRF-HTA20003R3SN Datasheet
197Kb / 14P
   HIGH TEMPERATURE DC-DC CONVERTER
More results

Similar Description - HTA20003R3S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com