Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G32AB101M Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # G32AB101M
Description  3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G32AB101M Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  G32AB101M Datasheet HTML 1Page - TOCOSAMERICA, INC. G32AB101M Datasheet HTML 2Page - TOCOSAMERICA, INC. G32AB101M Datasheet HTML 3Page - TOCOSAMERICA, INC. G32AB101M Datasheet HTML 4Page - TOCOSAMERICA, INC. G32AB101M Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
5/5
Part Numbers
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance
20%
Value ( Ω )
Code
Catalog No.
Tape & Reel
Catalog No.
Bulk
G32A J-Hook, Cross-Slot, Top Adjust
G32AT B 500 M
G32AT B 101 M
G32AT B 201 M
G32AT B 501 M
G32ATB102M
G32AT B 202 M
G32AT B 502 M
G32ATB103M
G32AT B 203 M
G32AT B 503 M
G32ATB104M
G32AT B 204 M
G32AT B 504 M
G32ATB105M
G32AT B 205 M
G32A B 500 M
G32A B 101 M
G32A B 201 M
G32A B 501 M
G32A B 102 M
G32A B 202 M
G32A B 502 M
G32A B 103 M
G32A B 203 M
G32A B 503 M
G32A B 104 M
G32A B 204 M
G32A B 504 M
G32A B 105 M
G32A B 205 M
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
Part Numbering System
G32
A
T
105
M
B
Resistance Tolerance: M =
20%
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω ).
Resistance Taper: B = Linear.
Packaging: T = Tape & Reel; Blank = Bulk.
Terminal Style: A = J-Hook; B = Gull-Wing.
TOCOS Series Name.
G32 Series
G32A
Effective Date Feb. 2005
G32B Gull-Wing, Cross-Slot, Top Adjust
G32BT B 500 M
G32BT B 101 M
G32BT B 201 M
G32BT B 501 M
G32BTB102M
G32BT B 202 M
G32BT B 502 M
G32BTB103M
G32BT B 203 M
G32BT B 503 M
G32BTB104M
G32BT B 204 M
G32BT B 504 M
G32BTB105M
G32BT B 205 M
G32B B 500 M
G32B B 101 M
G32B B 201 M
G32B B 501 M
G32B B 102 M
G32B B 202 M
G32B B 502 M
G32B B 103 M
G32B B 203 M
G32B B 503 M
G32B B 104 M
G32B B 204 M
G32B B 504 M
G32B B 105 M
G32B B 205 M
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G32B
Packaging
Cleaning Guidelines
Standard:
Tape & Reel Packaging
Bulk Packaging
500 pieces per 7” reel.
100 pieces per vinyl bag.
1,000 pieces per box.
For cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.


Similar Part No. - G32AB101M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G32A-A10-VD OMRON-G32A-A10-VD Datasheet
2Mb / 16P
   Solid State Relays
G32A-A10L-VD OMRON-G32A-A10L-VD Datasheet
2Mb / 16P
   Solid State Relays
G32A-A20-VD OMRON-G32A-A20-VD Datasheet
2Mb / 16P
   Solid State Relays
G32A-A20L-VD OMRON-G32A-A20L-VD Datasheet
2Mb / 16P
   Solid State Relays
G32A-A40-VD OMRON-G32A-A40-VD Datasheet
2Mb / 16P
   Solid State Relays
More results

Similar Description - G32AB101M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 22-Dec-08
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
TS5Y VISHAY-TS5Y Datasheet
180Kb / 3P
   Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
Revision 04-Mar-02
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com