Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTA20003R3D Datasheet(PDF) 9 Page - International Rectifier

Part # HTA20003R3D
Description  HIGH RELIABILITY DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20003R3D Datasheet(HTML) 9 Page - International Rectifier

Back Button HTA20003R3D Datasheet HTML 5Page - International Rectifier HTA20003R3D Datasheet HTML 6Page - International Rectifier HTA20003R3D Datasheet HTML 7Page - International Rectifier HTA20003R3D Datasheet HTML 8Page - International Rectifier HTA20003R3D Datasheet HTML 9Page - International Rectifier HTA20003R3D Datasheet HTML 10Page - International Rectifier HTA20003R3D Datasheet HTML 11Page - International Rectifier HTA20003R3D Datasheet HTML 12Page - International Rectifier HTA20003R3D Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.irf.com
9
HTA-SERIES
Application Notes:
DC-DC converters constructed with aluminium-silicon
(ALSi) controlled expansion alloy benefit from low mass,
high thermal conductivity, and CTE match to substrates
mounted in them. The one disadvantage over traditional
cold rolled steel packages (CRS) however is that the ALSi
material is more brittle than the CRS. For this reason, it is
important to avoid using a thermal pad or gasket.
The HTA-Series DC-DC converter requires 8-32 size
screws and #8 flat washers.
The minimum recommended mouting surface flatness is
0.002” per inch.
The Procedure for mounting the converter is as follows:
1. Check all surfaces for foreign material, burrs, or
anything that may interfere with the different parts.
2. Place the converter on the mounting surface and line it
up with mounting holes.
3. Install screws using appropriate washers and tighten
by hand (~ 4 in.oz) in the sequence shown below in the
diagram.
.4. Tighten the screws with appropriate torque driver using
a controlled torque of up to 20-24 in.lb in the sequence
as shown in the diagram.


Similar Part No. - HTA20003R3D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HTA20003R3D IRF-HTA20003R3D Datasheet
170Kb / 14P
   HIGH RELIABILITY DC-DC CONVERTER
HTA20003R3DEM IRF-HTA20003R3DEM Datasheet
197Kb / 14P
   HIGH TEMPERATURE DC-DC CONVERTER
HTA20003R3DN IRF-HTA20003R3DN Datasheet
197Kb / 14P
   HIGH TEMPERATURE DC-DC CONVERTER
More results

Similar Description - HTA20003R3D

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com