Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1660PT Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB1660PT
Description  16A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB1660PT Datasheet(HTML) 1 Page - Won-Top Electronics

  SB1660PT Datasheet HTML 1Page - Won-Top Electronics SB1660PT Datasheet HTML 2Page - Won-Top Electronics SB1660PT Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB1630PT – SB1660PT
1 of 3
© 2002 Won-Top Electronics
SB1630PT – SB1660PT
16A SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
H
!
Guard Ring for Transient Protection
!
High Current Capability, Low Forward
!
Low Reverse Leakage Current
S
!
High Surge Current Capability
J
!
Plastic Material has UL Flammability
R
K
Classification 94V-O
PIN1
2
3
L
P
Mechanical Data
N
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-750, Method 2026
A
!
Polarity: As Marked on Body
B
!
Weight: 5.6 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
C
PIN 1 -
+
PIN 3 -
Case PIN 2
G
D
E
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
1630PT
SB
1635PT
SB
1640PT
SB
1645PT
SB
1650PT
SB
1660PT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
@TC = 95°C
IO
16
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
250
A
Forward Voltage
@IF = 8.0A
VFM
0.55
0.70
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 1)
Cj
700
pF
Typical Thermal Resistance Junction to Case (Note 2)
RJC
3.5
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case mounted on heatsink.
WT E
PO W E R SEM IC O ND UC TO R S
TO-3P
Dim
Min
Max
A
3.20
3.50
B
4.59
5.16
C
20.80
21.30
D
19.70
20.20
E
2.10
2.40
G
0.51
0.76
H
15.90
16.40
J
1.70
2.70
K
3.10 Ø
3.30 Ø
L
3.50
4.51
M
5.20
5.70
N
1.12
1.22
P
2.90
3.30
R
11.70
12.80
S
4.30 Typical
All Dimensions in mm


Similar Part No. - SB1660PT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB1660 TRSYS-SB1660 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1660 WTE-SB1660 Datasheet
48Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
BusBoard Prototype Syst...
SB1660 BUSBOARD-SB1660 Datasheet
2Mb / 3P
   The SB1660 has the same pattern as two BB830 breadboards side-by-side. Solder your circuit to create a rugged long-lasting prototype.
Rev 4.00
logo
Shanghai Sunrise Electr...
SB1660C SSE-SB1660C Datasheet
22Kb / 1P
   SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SB1660CT SUNMATE-SB1660CT Datasheet
514Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1660PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
   16A SCHOTTKY BARRIER RECTIFIER
SBL1630 DIODES-SBL1630 Datasheet
66Kb / 2P
   16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. C-2
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT Datasheet
39Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SB1630 WTE-SB1630 Datasheet
48Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630PT DIODES-SBL1630PT_15 Datasheet
63Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SBL1630CT DIODES-SBL1630CT_1 Datasheet
70Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
logo
SemiWell Semiconductor
F16M40CT SEMIWELL-F16M40CT Datasheet
165Kb / 3P
   16A Schottky Barrier Rectifier
P16M40CT SEMIWELL-P16M40CT Datasheet
157Kb / 3P
   16A Schottky Barrier Rectifier
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630_1 Datasheet
75Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. 4 - 2
SBL1640CT DIODES-SBL1640CT Datasheet
93Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com