Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS20L Datasheet(PDF) 3 Page - Suntan Capacitors

Part # TS20L
Description  CHIP TANTALUM CAPACITOR LOW ESR - SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS20L Datasheet(HTML) 3 Page - Suntan Capacitors

  TS20L Datasheet HTML 1Page - Suntan Capacitors TS20L Datasheet HTML 2Page - Suntan Capacitors TS20L Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CHIP TANTALUM CAPACITOR LOW ESR - SMD
Suntan®
TS20L
Capacitance
(μF)
Case
Size
(μa@+25℃ Max)
DC Leakage
DF (%)
@85℃
@100Hz (Max)
ESR (Ω)
@25℃
@100KHZ (Max)
Capacitance
(μF)
Case
Size
(μa@+25℃ Max)
DC Leakage
DF (%)
@85℃
@100Hz (Max)
ESR (Ω)
@25℃
@100KHZ (Max)
35Volt Rating at +85℃(23Volt Rating+125℃)
50Volt Rating at +85℃ (30Volt Rating +125℃)
0.1
A
0.5
4.0
10.0
0.1
A
0.5
4.0
10.0
0.15
A
0.5
4.0
6.0
0.15
B
0.5
4.0
10.0
0.22
A
0.5
4.0
6.0
0.15
A
0.5
4.0
10.0
0.33
A
0.5
4.0
6.0
0.22
B
0.5
4.0
10.0
0.47
B
0.5
4.0
2.5
0.33
B
0.5
4.0
2.5
0.47
A
0.5
4.0
4.0
0.47
C
0.5
4.0
1.8
0.68
B
0.5
4.0
2.5
0.47
B
0.5
4.0
2.0
0.68
A
0.5
4.0
6.0
0.68
C
0.5
4.0
1.6
1.0
B
0.5
4.0
2.0
0.68
B
0.5
4.0
3.0
1.0
A
0.5
4.0
6.0
1.0
C
0.5
4.0
1.6
1.5
C
0.5
6.0
2.5
1.5
D
0.8
6.0
1.0
1.5
B
0.5
6.0
3.0
1.5
C
0.8
6.0
1.5
2.2
C
0.8
6.0
1.5
2.2
D
1.1
6.0
0.8
2.2
B
0.8
6.0
2.5
2.2
C
1.1
6.0
1.5
3.3
C
1.2
8.0
0.8
3.3
D
1.7
6.0
0.8
3.3
B
1.2
6.0
2.0
4.7
D
2.4
6.0
0.6
4.7
D
1.7
6.0
0.7
6.8
E
3.5
6.0
0.5
4.7
C
1.7
6.0
0.7
6.8
D
2.4
6.0
0.5
6.8
C
2.4
6.0
0.9
10.0
D
3.5
6.0
0.4
10.0
C
3.5
6.0
1.2
15.0
E
5.3
6.0
0.3
15.0
D
5.3
6.0
0.35
22.0
E
7.7
6.0
0.3
22.0
D
7.7
6.0
0.4
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS20L

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
More results

Similar Description - TS20L

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPM AVX-TPM Datasheet
358Kb / 5P
   Tantalum Ultra Low ESR Capacitor
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
logo
Kemet Corporation
T520V157M006AS KEMET-T520V157M006AS Datasheet
46Kb / 2P
   Low ESR Tantalum Chip Capacitor with Polymer Electrode
logo
Dubilier
SHJL DUBILIER-SHJL Datasheet
262Kb / 3P
   TANTALUM CHIP - LOW ESR
logo
Kemet Corporation
T521D476M020ATE055 KEMET-T521D476M020ATE055 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Low ESR, Non-Combustible
T530X477M006ATE004 KEMET-T530X477M006ATE004 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Multiple Anodes, Low ESR,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com