Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSR-065 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TSR-065
Description  Trimming Potentiometer - TSR-065
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSR-065 Datasheet(HTML) 1 Page - Suntan Capacitors

  TSR-065 Datasheet HTML 1Page - Suntan Capacitors TSR-065 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Trimming Potentiometer – TSR-065
Suntan®
TSR-065
微調電位器
單圈的
/碳膜型/工業用
(Single Turn/ Phenolic/ Industrial)
電氣特性
Electrical Characteristics
標稱阻值範圍
Standard Resistance Range
100Ω - 2MΩ
阻值允許偏差
Resistance Tolerance
±
30%
殘留阻值
Residual Resistance
最大為標示阻值的
5%, 最大不多於 30Ω
Max 5% of Nominnal Resistance,
But under 30Ω
綫性
Resistance Taper
直綫
Linear (B)
功率
Rated Power
0.1W
使用電壓
Operating Voltage
不超過
50V
50V Max
旋轉壽命
Potational Life
空載旋轉
100 圈後, 阻值變化最大為±15%
Max ±5% change in resistance after 100
unloaded rotations
負載壽命
Load Life
加額定功率
3 小時, 阻值變化最大為±5%
Max ±5% change in resistance after
3 hours loaded
機械性能
Mechanical Characteristics
旋轉角度
Rotational Angle
200° ± 20°
扭力矩
Rotational Torque
30~350g.cm
止擋力矩
Stop-end Strength
最小達
500g.cm 以上
500g.cm minimum
氣候特性
Climatic Characteristics
使用溫度
Operating Temp
-25℃ ~ 40℃
溫度特性
Temp Characteristics
70℃鋦 5 小時, 阻值變化為+5~ -10%
+5~ -10% change in NR after 5 hours at 70℃
Humidity Char
40℃溫度及相對湿度 95%的情況下放置
500 小時, 阻值變化最大為±20%
Maximum resistance change within ±20% after
500hours unloaded at 40℃ and R.H.95%
焊接條件
Soldering Conditions
焊接溫度
Temperature
260℃
焊接時間
Time
3 秒
3 seconds
共有尺寸
Common Dimensions
TSR-065
TSR-063
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSR-065

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSR-065 SUNTAN-TSR-065_17 Datasheet
1Mb / 2P
   Trimming Potentiometer ??TSR-065
More results

Similar Description - TSR-065

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSR-065 SUNTAN-TSR-065_17 Datasheet
1Mb / 2P
   Trimming Potentiometer ??TSR-065
TSR-105H SUNTAN-TSR-105H Datasheet
486Kb / 2P
   Trimming Potentiometer - TSR-105H
TSR-105H SUNTAN-TSR-105H_17 Datasheet
517Kb / 2P
   Trimming Potentiometer ??TSR-105H
logo
Kingtronics Internation...
RKT-065 KINGTRONICS-RKT-065 Datasheet
329Kb / 2P
   RKT-065 TRIMMING POTENTIOMETER
logo
Bourns Electronic Solut...
TC73 BOURNS-TC73 Datasheet
119Kb / 1P
   Trimming Potentiometer
RJ26FW202 BOURNS-RJ26FW202 Datasheet
136Kb / 1P
   Trimming Potentiometer
RJ26FW202 BOURNS-RJ26FW202_13 Datasheet
203Kb / 1P
   Trimming Potentiometer
logo
Sharma Electro Componen...
WIW1024 SHARMA-WIW1024 Datasheet
707Kb / 1P
   Trimming Potentiometer
logo
Bourns Electronic Solut...
3313-3 BOURNS-3313-3 Datasheet
281Kb / 2P
   Trimming Potentiometer
3266 BOURNS-3266 Datasheet
156Kb / 2P
   Square Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com