Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3050PT Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB3050PT
Description  30A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB3050PT Datasheet(HTML) 1 Page - Won-Top Electronics

  SB3050PT Datasheet HTML 1Page - Won-Top Electronics SB3050PT Datasheet HTML 2Page - Won-Top Electronics SB3050PT Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB3030PT – SB3060PT
1 of 3
© 2002 Won-Top Electronics
SB3030PT – SB3060PT
30A SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
H
!
Guard Ring for Transient Protection
!
High Current Capability, Low Forward
!
Low Reverse Leakage Current
S
!
High Surge Current Capability
J
!
Plastic Material has UL Flammability
R
K
Classification 94V-O
PIN1
2
3
L
P
Mechanical Data
N
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-750, Method 2026
A
!
Polarity: As Marked on Body
B
!
Weight: 5.6 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
C
PIN 1 -
+
PIN 3 -
Case PIN 2
G
D
E
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
3030PT
SB
3035PT
SB
3040PT
SB
3045PT
SB
3050PT
SB
3060PT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
@TC = 95°C
IO
30
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
275
A
Forward Voltage
@IF = 15A
VFM
0.55
0.70
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
1.0
75
mA
Typical Junction Capacitance (Note 1)
Cj
1100
pF
Typical Thermal Resistance Junction to Case (Note 2)
RJC
2.0
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case mounted on heatsink.
WT E
PO W E R SEM IC O ND UC TO R S
TO-3P
Dim
Min
Max
A
3.20
3.50
B
4.59
5.16
C
20.80
21.30
D
19.70
20.20
E
2.10
2.40
G
0.51
0.76
H
15.90
16.40
J
1.70
2.70
K
3.10 Ø
3.30 Ø
L
3.50
4.51
M
5.20
5.70
N
1.12
1.22
P
2.90
3.30
R
11.70
12.80
S
4.30 Typical
All Dimensions in mm


Similar Part No. - SB3050PT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB3050PT PANJIT-SB3050PT Datasheet
184Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB3050PT PACELEADER-SB3050PT Datasheet
189Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3050PT PANJIT-SB3050PT Datasheet
53Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB3050PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR3030PT DIODES-MBR3030PT_15 Datasheet
68Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
SBL3060CTP DIODES-SBL3060CTP_15 Datasheet
78Kb / 4P
   30A SCHOTTKY BARRIER RECTIFIER
logo
Wisdom technologies Int...
MBRF30150CT WISDOM-MBRF30150CT Datasheet
1Mb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR2535CT DIODES-MBR2535CT Datasheet
65Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
MBR3030PT DIODES-MBR3030PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
S9004P2CT DIODES-S9004P2CT Datasheet
62Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23027 Rev. P-5
SBL3030PT DIODES-SBL3030PT_1 Datasheet
74Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
DS23018 Rev. 10 - 2
MBR2535CT DIODES-MBR2535CT_1 Datasheet
63Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. 6 - 2
MBRF3045CT DIODES-MBRF3045CT_15 Datasheet
491Kb / 4P
   30A SCHOTTKY BARRIER RECTIFIER
MBRF30100CT DIODES-MBRF30100CT_15 Datasheet
215Kb / 4P
   30A SCHOTTKY BARRIER RECTIFIER
MBR3060CTP DIODES-MBR3060CTP_15 Datasheet
85Kb / 4P
   30A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com