Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2093M Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2093M
Description  4 CH Digital Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2093M Datasheet(HTML) 1 Page - International Rectifier

  IRS2093M Datasheet HTML 1Page - International Rectifier IRS2093M Datasheet HTML 2Page - International Rectifier IRS2093M Datasheet HTML 3Page - International Rectifier IRS2093M Datasheet HTML 4Page - International Rectifier IRS2093M Datasheet HTML 5Page - International Rectifier IRS2093M Datasheet HTML 6Page - International Rectifier IRS2093M Datasheet HTML 7Page - International Rectifier IRS2093M Datasheet HTML 8Page - International Rectifier IRS2093M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.irf.com
© 2009 International Rectifier
1
June 22, 2009
IRS2093MPbF
4 CH Digital Audio Amplifier
Features
4 channel integrated analog input Class D
audio amplifier drivers in a 48 pin MLPQ
package
Programmable over current protection
Programmable dead-time generation
Versatile protection control enabling
latched, non-latched, or host controlled
shutdown function
Versatile input structure for self-oscillating
PWM, external clock synchronization, or
natural carrier based PWM modulations
Start and stop click noise reduction
Under voltage protection
High noise immunity
Product Summary
Topology
Half-Bridge and Full-
Bridge
VOFFSET (max)
+/- 100 V
IO+ & IO- (typical)
0.5 A & 0.6 A
Selectable deadtime
45/65/85/105ns
DC offset
<18 mV
OC protection delay
500ns (max)
Shutdown propagation
delay
250ns (max)
Error amplifier open loop
gain
>60 dB
Package
MLPQ48 (7x7mm, 0.50mm pitch)
Typical Connection
Datasheet No - PD97380


Similar Part No. - IRS2093M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2093M INFINEON-IRS2093M Datasheet
342Kb / 19P
   4 CH Digital Audio Amplifier
Datasheet No - PD97380 June 22, 2009
logo
International Rectifier
IRS2093MPBF IRF-IRS2093MPBF Datasheet
342Kb / 19P
   4 CH Digital Audio Amplifier
IRS2093MPBF IRF-IRS2093MPBF_15 Datasheet
342Kb / 19P
   4 CH Digital Audio Amplifier
More results

Similar Description - IRS2093M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2093MPBF IRF-IRS2093MPBF_15 Datasheet
342Kb / 19P
   4 CH Digital Audio Amplifier
logo
Infineon Technologies A...
IRS2093M INFINEON-IRS2093M Datasheet
342Kb / 19P
   4 CH Digital Audio Amplifier
Datasheet No - PD97380 June 22, 2009
IRS2052M INFINEON-IRS2052M Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
March 23, 2011
logo
International Rectifier
IRS2053MPBF IRF-IRS2053MPBF_15 Datasheet
435Kb / 22P
   3 CH Digital Audio Amplifier
IRS2052MPBF IRF-IRS2052MPBF Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
IRS2052MPBF IRF-IRS2052MPBF_15 Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
logo
Texas Instruments
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
logo
Lyontek Inc.
LY8602 LYONTEK-LY8602 Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
logo
Texas Instruments
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com