Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVZ6TLTAB300 Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # NVZ6TLTAB300
Description  Dimensions for Through-Hole Single-Turn Trimmers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

NVZ6TLTAB300 Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  NVZ6TLTAB300 Datasheet HTML 1Page - TOCOSAMERICA, INC. NVZ6TLTAB300 Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trimmer Selection Guide
TOCOS®
POTENTIOMETERS
Open Frame Models
7
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Part Numbering System for Through-Hole NVG6 and NVZ6
NVZ
6
T
B
302
HT
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 300 = 30
Ω; 301 = 300Ω; 302 = 3,000Ω; 303 = 30,000Ω).
Resistance Taper: B = Linear.
Mounting Style: HT = Vertical (Side Adjust); LTA = Horizontal ( Top Adjust).
Design Type: T = Dust Resistant Cap.
Size: 6 = 6mm (See Dimensions).
TOCOS Series: NVG = Cermet; NVZ = Carbon.
Dimensions for Through-Hole Single-Turn Trimmers
NVG6THT and NVZ6THT
Through-Hole, Vertical Mount, Cross-Slot, Side Adjust (Front or Back)
Tape Dimensions
Radial Lead Paper Taping
Recommended
PCB Layout
HT Side Adjust Pin-Out
Unit: mm
0.3
0.5
0.8
6.8
2.5
2.5
5
2.5
3.5
6.4
3.2
3.2
1.2
ADJ. SLOT 0.6
1.7
ADJ. SLOT 0.8
3.4
Mounting
Surface
Ø1.0 (2x)
Ø1.2
5
2 Max.
2 Max.
#1
#2
#3
6.35
12.7
5
Ø4
2 Max.
2 Max.
Packaging
18mm Paper Tape
Ammo Box ( L x W x H )
335 x 330 x 50mm
1,000 Pieces Per Box
NVG6TLTA and NVZ6TLTA
Top Adjust Models
Available with this
Recommended PCB Layout
LTA Top Adjust Pin-Out
Ø1.0 (2x)
Ø1.2
Ø1.8 For Bottom Adjust
5


Similar Description - NVZ6TLTAB300

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
VG067 TOCOS-VG067 Datasheet
95Kb / 2P
   Through-Hole Single-Turn Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RA12 TOCOS-RA12 Datasheet
163Kb / 3P
   12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
G12 TOCOS-G12 Datasheet
169Kb / 4P
   1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
CT6EP102 ETC2-CT6EP102 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com