Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA12 Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # RA12
Description  12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RA12 Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  RA12 Datasheet HTML 1Page - TOCOSAMERICA, INC. RA12 Datasheet HTML 2Page - TOCOSAMERICA, INC. RA12 Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
103
Part Numbers
RA12P Through-Hole, P Terminal Style, Single-Slot, Top Adjust
RA12P B 100 K
RA12P B 200 K
RA12P B 500 K
RA12P B 101 K
RA12P B 201 K
RA12P B 501 K
RA12P B 102 K
RA12P B 202 K
RA12P B 502 K
RA12P B 103 K
RA12P B 203 K
0.11
0.18
0.34
0.51
0.81
2.20
3.90
6.04
10.4
18.9
27.6
1.13
0.90
0.69
0.51
0.41
0.44
0.39
0.30
0.20
0.19
0.14
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
100
200
500
101
201
501
102
202
502
103
203
RA12S Through-Hole, S Terminal Style, Single-Slot, Side Adjust
RA12S B 100 K
RA12S B 200 K
RA12S B 500 K
RA12S B 101 K
RA12S B 201 K
RA12S B 501 K
RA12S B 102 K
RA12S B 202 K
RA12S B 502 K
RA12S B 103 K
RA12S B 203 K
0.11
0.18
0.34
0.51
0.81
2.20
3.90
6.04
10.4
18.9
27.6
1.13
0.90
0.69
0.51
0.41
0.44
0.39
0.30
0.20
0.19
0.14
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
100
200
500
101
201
501
102
202
502
103
203
RA12X Through-Hole, X Terminal Style, Single-Slot, Side Adjust
RA12X B 100 K
RA12X B 200 K
RA12X B 500 K
RA12X B 101 K
RA12X B 201 K
RA12X B 501 K
RA12X B 102 K
RA12X B 202 K
RA12X B 502 K
RA12X B 103 K
RA12X B 203 K
0.11
0.18
0.34
0.51
0.81
2.20
3.90
6.04
10.4
18.9
27.6
1.13
0.90
0.69
0.51
0.41
0.44
0.39
0.30
0.20
0.19
0.14
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
100
200
500
101
201
501
102
202
502
103
203
Potentiometer
Styles
Nominal Resistance
Resolution
Value (
Ω)
Code
Catalog No.
Bulk
Percent ( % )
Ohms (
Ω)
Part Numbering System
RA12
P
102
K
B
Resistance Tolerance: K =
10%
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10
Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω).
Resistance Taper: B = Linear.
Terminal Style: P = 3-Lead Configuration, Top Adjust.
S, X = 3-Lead Configurations, Side Adjust.
TOCOS Series Name.
RA12 Series
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Bulk Packaging
Quantity
10 pieces per vinyl bag; 100 pieces per box.
RA12P
RA12S
RA12X


Similar Part No. - RA12

ManufacturerPart #DatasheetDescription
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
   NETWORK RESISTORS RA Series: SIP Network
logo
List of Unclassifed Man...
RA1200 ETC-RA1200 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
logo
CIT Relay & Switch
RA121 CIT-RA121 Datasheet
154Kb / 2P
   CIT SWITCH
RA122 CIT-RA122 Datasheet
154Kb / 2P
   CIT SWITCH
RA129 CIT-RA129 Datasheet
154Kb / 2P
   CIT SWITCH
More results

Similar Description - RA12

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
G12 TOCOS-G12 Datasheet
169Kb / 4P
   1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
VG067 TOCOS-VG067 Datasheet
95Kb / 2P
   Through-Hole Single-Turn Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
NVZ6THTB300 TOCOS-NVZ6THTB300 Datasheet
104Kb / 2P
   Dimensions for Through-Hole Single-Turn Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com