Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB860 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SB860
Description  8.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB860 Datasheet(HTML) 2 Page - Won-Top Electronics

  SB860 Datasheet HTML 1Page - Won-Top Electronics SB860 Datasheet HTML 2Page - Won-Top Electronics SB860 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
2
4
6
8
10
10
40
60
80
100
120
140150
T , LEAD TEMPERATURE (º C)
Fig. 1 Forward Current Derating Curve
L
Single Pulse Half-Wave
60 Hz Resistive or Inductive Load
100
1000
2000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
0.1
10
20
40
0
0.5
1.0
1.5
2.0
2.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
SB820 - SB840
SB850 - SB860
SB880 - SB8100
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ
SB820 – SB8100
2 of 3
© 2002 Won-Top Electronics


Similar Part No. - SB860

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB860 PANJIT-SB860 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Leshan Radio Company
SB860 LRC-SB860 Datasheet
208Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V
logo
SMC Diode Solutions Co....
SB860 SMCDIODE-SB860 Datasheet
192Kb / 4P
   SB860 SCHOTTKY RECTIFIER
Rev.A
logo
Transys Electronics
SB860 TRSYS-SB860 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
SB860 SMC-SB860 Datasheet
119Kb / 5P
   SCHOTTKY RECTIFIER
More results

Similar Description - SB860

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL830 DIODES-SBL830_1 Datasheet
75Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
logo
Won-Top Electronics
SB820 WTE-SB820_06 Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F_06 Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR860 KERSEMI-MBR860 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
MBR830 KERSEMI-MBR830 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
MBR835 KERSEMI-MBR835 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR870L DIODES-MBR870L Datasheet
63Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30029 Rev. B-4
MBR830 DIODES-MBR830 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Won-Top Electronics
SB820FCT WTE-SB820FCT Datasheet
49Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB820CT WTE-SB820CT Datasheet
50Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com