Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA12PB105K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RA12PB105K
Description  12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RA12PB105K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RA12PB105K Datasheet HTML 1Page - TOCOSAMERICA, INC. RA12PB105K Datasheet HTML 2Page - TOCOSAMERICA, INC. RA12PB105K Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
101
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 10
Ω to 20kΩ
(standard 1, 2 & 5 sequence )
Resistance Tolerance . . . . . . . . . . . . . . . . .
10% standard
End Resistance . . . . . . . . 0.2% or 1
Ω, whichever is greater
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . . . Linear
Peak Noise (C.R.V.) . . . . . 0.5% or 2
Ω, whichever is greater
Power Rating . . . . . . . . 0.5 watt at
70 C, 0 watt at
125 C
Temperature Coefficient . . . . . . . . . . . . . . . . .
50ppm / C
Insulation Resistance . . . . . 1,000M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . 900VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 270
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 300
10
Shaft Torque . . . . . . . . 30 to 300 gf cm (0.42 to 4.16 oz in)
Stop Strength . . . . . . . . . . . . . . 1 kgf cm (13.86 oz in) min.
Flammability of Plastic Materials . . . . . . . Meets UL 94V-0
Nominal Weight . . . . . . . . . . . . . . . . . . . 1.5g (P); 2.4g (S, X )
Marking . . . . . . . . . . . . . . . . . . Resistance code, date code,
model type, terminal identification
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
55 Cto
125 C
Low Temperature Exposure . . . . . . . . . . . .
55 C, 1 hours
∆T/R ) 1% 0.05Ω
High Temperature Exposure . . . . . . . . .
125 C, 250 hours
∆T/R ) 1% 0.05Ω
Load Life . . . . . . . . . . . . . . . . .
70 C, 0.5 watt, 1,000 hours
∆T/R ) 2%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . .
55 C,
125 C,
30 minutes each, 5 cycles
∆T/R ) 1% 0.05Ω
Humidity . . . . . . . . . . . . . . . . . . . . . . . .
40 C, 90-95%RH,
0.5 watt, 500 hours
∆T/R ) 2%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 5 seconds
∆T/R ) 1% 0.05Ω
Seal Test . . . . . . . . . . . . . . . . .
85 C, hot water for 1 minute
Rotational Life . . . . . . . . . . 200 cycles without discontinuity
∆T/R ) 2%
∆T/R = Total Resistance Change; S.S. = Setting Stability (voltage ratio)
RA12 Series
12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
TOCOS®
POTENTIOMETERS
Features
12mm round, single-turn, through-hole, sealed wirewound trimmers
Top and side adjust styles available
Low equivalent noise resistance
High setting stability
Low temperature coefficient
Long rotational life
Meets UL 94V-0 flammability requirements
Sealed to withstand wave soldering and immersion cleaning processes


Similar Part No. - RA12PB105K

ManufacturerPart #DatasheetDescription
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
   NETWORK RESISTORS RA Series: SIP Network
logo
List of Unclassifed Man...
RA1200 ETC-RA1200 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
logo
CIT Relay & Switch
RA121 CIT-RA121 Datasheet
154Kb / 2P
   CIT SWITCH
RA122 CIT-RA122 Datasheet
154Kb / 2P
   CIT SWITCH
RA129 CIT-RA129 Datasheet
154Kb / 2P
   CIT SWITCH
More results

Similar Description - RA12PB105K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
G12 TOCOS-G12 Datasheet
169Kb / 4P
   1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
VG067 TOCOS-VG067 Datasheet
95Kb / 2P
   Through-Hole Single-Turn Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
NVZ6THTB300 TOCOS-NVZ6THTB300 Datasheet
104Kb / 2P
   Dimensions for Through-Hole Single-Turn Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com