Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJC06FB101K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RJC06FB101K
Description  1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC06FB101K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RJC06FB101K Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC06FB101K Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC06FB101K Datasheet HTML 3Page - TOCOSAMERICA, INC. RJC06FB101K Datasheet HTML 4Page - TOCOSAMERICA, INC. RJC06FB101K Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
40
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . . 10
Ω to 1MΩ
(standard 1, 2 & 5 sequence )
Resistance Tolerance . . . . . . . . . . . . . . .
10% and
20%
End Resistance . . . . . . . . . . 1% or 3
Ω, whichever is greater
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . . . Linear
Peak Noise (C.R.V.) . . . . . . . 1% or 1
Ω, whichever is greater
Power Rating . . . . . . . . 0.5 watt at
70 C, 0 watt at
125 C
Maximum Input Voltage . . . . . . . . 250VDC or power rating,
whichever is smaller
Temperature Coefficient . . . .
100 ppm / C, 200
Ω to 1MΩ
250 ppm / C, other values
Insulation Resistance . . . . . . 100M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 240
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 250
10
Shaft Torque . . . . . . . . . . . . . . 200 gf cm (2.77 oz in) max.
Stop Strength . . . . . . . . . . . . . . 500 gf cm (6.93 oz in) min.
Flammability of Plastic Materials . . . . . . . Meets UL 94V-0
Nominal Weight . . . . . . . . 0.5g (P, W ); 0.6g (S, X ); 1.03g (F )
Marking . . . . . . . . . . . . . . . . . . . Resistance code, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
55 Cto
125 C
High Temperature Exposure . . . . . . . . .
125 C, 250 hours
∆T/R ) 3%, S.S. ) 1%
Load Life . . . . . . . . . . . . . . . . .
70 C, 0.5 watt, 1,000 hours
∆T/R ) 3%, S.S. ) 3%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . .
55 C,
125 C,
30 minutes each, 5 cycles
∆T/R ) 2%, S.S. ) 1%
Shock . . . . . . . . . . . . . 50G, 6ms, 6 directions, 3 times each
∆T/R ) 2%, S.S. ) 1%
Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude,
20G, 12 hours
∆T/R ) 1%, S.S. ) 1%
Humidity . . . . . . . . . . . . . . . . . . . . . . . .
40 C, 90-95%RH,
0.5 watt, 500 hours
∆T/R ) 5%, S.S. ) 1%
Moisture Resistance . . . . . .
10 C to
65 C, 80-98%RH,
0.5 watt, 10 cycles, 240 hours
∆T/R ) 3%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds
∆T/R ) 1%
Seal Test . . . . . . . . . . . . . . . . .
85 C, hot water for 1 minute
Rotational Life . . . . . . . . . . 200 cycles without discontinuity
∆T/R ) 10%)
∆T/R = Total Resistance Change; S.S. = Setting Stability (voltage ratio)
RJC06 Series
1/4” Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
TOCOS®
POTENTIOMETERS
Features
1/4” round, single-turn, through-hole, sealed cermet trimmers
Top, side and bottom adjust models
10mm diameter housing for bottom adjust model
High setting stability with precious metal multi-contacts
Low noise and low TC
Gold flushed terminals for superior solderability and longer shelf life
PC board stand-offs
Meets UL 94V-0 flammability requirements
Sealed to withstand wave soldering and immersion cleaning


Similar Part No. - RJC06FB101K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC07R TOCOS-RJC07R Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB100K TOCOS-RJC07RB100K Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB100M TOCOS-RJC07RB100M Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB101K TOCOS-RJC07RB101K Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB101M TOCOS-RJC07RB101M Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
More results

Similar Description - RJC06FB101K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
G12 TOCOS-G12 Datasheet
169Kb / 4P
   1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
logo
TOCOSAMERICA, INC.
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com