Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1321039-16 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 1321039-16
Description  DVI (245)P/M - DVI (24-5)P/M
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

1321039-16 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  1321039-16 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPROVED
DATE
DESCRIPTION
REV.
REVISION
Qualtek Electronics Corp.
WCI DIVISION
Part Number:
Description:
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B. Grubb
01-25-07
01-25-07
JJH / 01-25-07
1321039-16
DVI (24+5)P/M - DVI (24-5)P/M
No.
1
2
3
4
5
6
7
8
9
10
11
PARTS NAME
DVI (24+5)P/M - CONTACT
DVI (24+5)P/M - INSULATOR
DVI (24+5)P/M - SHELL
DVI (24+5)P/M - CAN
COPPER FOIL
DVI (24+5)P/M - COVER
THUMB SCREW
SCREW - MOLD
CABLE DVI 24+5 UL20276
MINI TIE
POLYBAG
SPECIFICATION STANDARD
BRONZE/GOLD PLATED SOLDER TYPE
THERMOPLASTIC/BLACK UL94V-0
GOLD PLATED
STEEL TIN PLATED
WIDTH: 15mm
45P PVC/COLOR: BLACK
#4-40 2.8x45, GOLD PLATED
35P PVC / COLOR: BLACK
KL03009ABK01A
PE/BLACK
PE/0.08x240x280mm
QTY
58
2
2
2
2
2
4
4
1
2
1
REMARKS
NOTES:
1. CABLE: UL20276
[(28AWGx1P+DW+FOIL)x7+(28AWG+SP+FOIL)x3+28AWGx5C+28AWGx1P+MYLAR+FOIL+BD]x1
OUTER JACKET: BLACK, OD: 9.5 ± 0.3mm
PRINTING: “E166307
AWM 20276 28AWG 80˚C 30V VW-1
LOW VOLTAGE COMPUTER CABLE
2. CONNECTORS: DVI (24+5)P/M - DVI (24-5)P/M
3. HOOD: ASS’Y TYPE. COLOR: BLACK
4. CABLE ELECTRICAL TEST:
<1>.100% OPEN SHORT & MISS WIRE TEST
<2>.INSULATION RESISTANCE: DC400V 10M ohm MIN.
<3>.CONDUCTOR RESISTANCE: 1 ohm MAX.
5. PACKING: 1PC/POLYBAG
4880 ± 100
P1
FRONT
P2
PIN OUT
P1
P2
FRONT
DVI (24+5)P/M ASS’Y TYPE
C5
160 ± 20
10
1
2
3
4
5
9
10
11
12
13
DVI (24+5)P/M ASS’Y TYPE
3
C4
C3
2
1
24
17
9
C2
C1
16
8
1
3.8 ± 0.3
3.8 ± 0.3
4 5 6
7 8
9
3
C5
C4
2
1
24
17
9
C2
C1
16
8
1
P1
P2
P1
P2
11
1
2
3
4
5
9
10
11
12
13
WHITE
ORANGE
DRAIN
DRAIN
WHITE
BROWN
WHITE
BLACK
DRAIN
DRAIN
WHITE
BLUE
6
7
17
18
19
20
21
22
23
24
6
7
17
18
19
20
21
22
23
24
WHITE
YELLOW
WHITE
YELLOW
DRAIN
DRAIN
WHITE
GREEN
DRAIN
WHITE
RED
C1
C5
C2
C5
C3
C5
C4
8
14
15
16
C1
C5
C2
C5
C3
C5
C4
8
14
15
16
RED
GREEN
BLUE
YELLOW
BLUE
RED
BLACK
BROWN
BRAID
SHELL
SHELL
TAPE


Similar Part No. - 1321039-16

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1321030-10 QUALTEK-1321030-10 Datasheet
509Kb / 1P
   DVI (245)P/M - DVI (24-5)P/M
1321031-16 QUALTEK-1321031-16 Datasheet
475Kb / 1P
   DVI (125)P/M - HD15P/M
1321032-16 QUALTEK-1321032-16 Datasheet
474Kb / 1P
   DVI (125)P/M - HD15P/M
1321033-16 QUALTEK-1321033-16 Datasheet
479Kb / 1P
   DVI (181)P/M - DVI (181)P/M
1321034-16 QUALTEK-1321034-16 Datasheet
477Kb / 1P
   DVI (181)P/M - DVI (181)P/M
More results

Similar Description - 1321039-16

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1321009-03 QUALTEK-1321009-03 Datasheet
553Kb / 1P
   DVI (245)P/M - DVI (245)P/M
1321010-03 QUALTEK-1321010-03 Datasheet
545Kb / 1P
   DVI (245)P/M - DVI (245)P/M
1321019-06 QUALTEK-1321019-06 Datasheet
542Kb / 1P
   DVI(245)P/M - DVI(245)P/M
1321020-06 QUALTEK-1321020-06 Datasheet
540Kb / 1P
   DVI(245)P/M - DVI(245)P/M
1321030-10 QUALTEK-1321030-10 Datasheet
509Kb / 1P
   DVI (245)P/M - DVI (24-5)P/M
1321040-16 QUALTEK-1321040-16 Datasheet
508Kb / 1P
   DVI (245)P/M - DVI (24-5)P/M
1321029-10 QUALTEK-1321029-10 Datasheet
511Kb / 1P
   DVI (245)P/M - DVI (24-5)P/M
1321038-16 QUALTEK-1321038-16 Datasheet
485Kb / 1P
   DVI (241)P/M - DVI (241)P/M
1321037-16 QUALTEK-1321037-16 Datasheet
486Kb / 1P
   DVI (241)P/M - DVI (241)P/M
1321007-03 QUALTEK-1321007-03 Datasheet
488Kb / 1P
   DVI (241)P/M - DVI (241)P/M
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com