Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJC06FB100M Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # RJC06FB100M
Description  1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC06FB100M Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  RJC06FB100M Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC06FB100M Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC06FB100M Datasheet HTML 3Page - TOCOSAMERICA, INC. RJC06FB100M Datasheet HTML 4Page - TOCOSAMERICA, INC. RJC06FB100M Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
41
Dimensions
RJC06 Series
RJC06P
P Terminal Style, Single-Slot, Top Adjust
RJC06W
W Terminal Style, Single-Slot, Top Adjust
RJC06S
S Terminal Style, Single-Slot, Side Adjust
RJC06F
F Terminal Style, Single-Slot, Bottom Adjust
RJC06X
X Terminal Style, Single-Slot, Side Adjust
Unit: mm
Ø
6.2
0.2
SLOT
0.6W
2.6L
0.8D
0.4
0.3
4.3
0.5
5.0
0.3
2.5
0.3
15.0
2.0
#1
#3
#2
Ø
0.5 0.1 (3)
Ø
6.2
0.2
SLOT
0.6W
2.6L
0.8D
0.4
0.3
4.3
0.5
2.5
0.3
2.5
0.3
0.8
15.0
2.0
#1
#3
#2
Ø
0.5 0.1 (3)
Ø
6.2
0.2
6.0
0.5
5.0
0.3
6.8
0.2
SLOT
0.6W
2.6L
0.8D
0.4
0.2
2.5 0.2
4.5 0.3
7.7 0.3
1.0
5.0 1.0
#1
#3
#2
Ø
0.5 0.1 (3)
Ø
6.2
0.2
6.0
0.5
5.0
0.3
6.8
0.2
SLOT
0.6W
2.6L
0.8D
0.4
0.2
2.5 0.2
4.5 0.3
7.7 0.3
1.0
5.0 1.0
#1
#3
#2
Ø
0.5 0.1 (3)
SLOT
0.6W
2.6L
0.8D
#1
#3
#2
Ø
0.5 0.1 (3)
Ø
10.5
Max.
4.4
0.3
4.4
0.3
4.4
0.3
7.2
1.0
8.0
1.0
0.7


Similar Part No. - RJC06FB100M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC07R TOCOS-RJC07R Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB100K TOCOS-RJC07RB100K Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB100M TOCOS-RJC07RB100M Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB101K TOCOS-RJC07RB101K Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB101M TOCOS-RJC07RB101M Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
More results

Similar Description - RJC06FB100M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
G12 TOCOS-G12 Datasheet
169Kb / 4P
   1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
logo
TOCOSAMERICA, INC.
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com