Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRA2520FB101F Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # LRA2520FB101F
Description  25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

LRA2520FB101F Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  LRA2520FB101F Datasheet HTML 1Page - TOCOSAMERICA, INC. LRA2520FB101F Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
61
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 500
Ω to 20kΩ
Resistance Tolerance . . . . . . . . . . . . . . . . . .
5% standard
(
2% or
1% special order )
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . 0.2% max.
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear
Independent Linearity . . . . . . . . . . . . . . . . . . .
0.5% max.
Power Rating . . . . . . . . . . . . . . . . . . . . . .1.5 watts at
40 C
Insulation Resistance . . . . . . .100M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Theoretical Resolution
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . 300
5
Shaft Torque . . . . . 70.2 to 306 gf cm (0.973 to 4.242 oz in)
Stop Strength . . . . . . . . . . . . 10.2 kgf cm (141.4 oz in) max.
Mounting Nut Torque . . . . . . 15 kgf cm (207.94 oz in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 3 seconds
Marking . . . . . . . . . . Taper, resistance, resistance tolerance,
terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
10 Cto
100 C
Temperature Characteristics . . . . . . . . . . .
85 C, 5 hours
without load
∆T/R ) 5%
Low Temperature Exposure . . .
10 C, 1 hour without load
∆T/R ) 3%
Load Life . . . . . . . . . . . .
40 C, 1,000 hours with rated load
∆T/R ) 3%
Moisture and Load Life . . . . . . . . . . . .
40 C, 90-95%RH,
500 hours with 1/10 rated load
∆T/R ) 5%
Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude,
2 directions, 2 hours each
∆T/R ) 1%
Soldering Heat Resistance . . . . . . . . . . 350 C, 3.5 seconds
∆T/R ) 2%
Rotational Life . . . . . . . . . 15,000 cycles with 1/2 rated load
∆T/R ) 3%
∆T/R = Total Resistance Change
LRA25 Series
25mm Diameter, Single-Turn, Wirewound Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
25mm diameter, single-turn industrial panel controls
Wirewound element
High linearity,
0.5% max.
Single unit, single shaft
Linear taper
5% standard total resistance tolerance
Metal shaft and bushing
Wide operating temperature of
10 C to
100 C
Panel mounting style only
Right angle ear-lug terminals
6mm diameter shafts in slot, flat or round end styles
Standard 20mm shaft length
Resistance (
Ω)
500
1,000
2,000
Resistance (
Ω)
5,000
10,000
20,000
Resolution ( % )
0.27
0.21
0.17
Resolution ( % )
0.12
0.08
0.09
LRA25


Similar Part No. - LRA2520FB101F

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
LRA22B2BBAEN ZFSWITCHES-LRA22B2BBAEN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA22B2BBAFN ZFSWITCHES-LRA22B2BBAFN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA22B2BBAGN ZFSWITCHES-LRA22B2BBAGN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA22B2BBALN ZFSWITCHES-LRA22B2BBALN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA22B2BBANN ZFSWITCHES-LRA22B2BBANN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
More results

Similar Description - LRA2520FB101F

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA20 TOCOS-RA20 Datasheet
516Kb / 4P
   20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com