Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF12P10FB101K Datasheet(PDF) 7 Page - TOCOSAMERICA, INC.

Part # GF12P10FB101K
Description  12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF12P10FB101K Datasheet(HTML) 7 Page - TOCOSAMERICA, INC.

Back Button GF12P10FB101K Datasheet HTML 3Page - TOCOSAMERICA, INC. GF12P10FB101K Datasheet HTML 4Page - TOCOSAMERICA, INC. GF12P10FB101K Datasheet HTML 5Page - TOCOSAMERICA, INC. GF12P10FB101K Datasheet HTML 6Page - TOCOSAMERICA, INC. GF12P10FB101K Datasheet HTML 7Page - TOCOSAMERICA, INC. GF12P10FB101K Datasheet HTML 8Page - TOCOSAMERICA, INC. GF12P10FB101K Datasheet HTML 9Page - TOCOSAMERICA, INC. GF12P10FB101K Datasheet HTML 10Page - TOCOSAMERICA, INC. GF12P10FB101K Datasheet HTML 11Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
83
Part Numbers
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
GF12P 10S Through-Hole, P Terminal Style, 10mm Metal Shaft, Single-Slot, Top Adjust
GF12P 10S B 100 K
GF12P 10S B 200 K
GF12P 10S B 500 K
GF12P 10S B 101 K
GF12P 10S B 201 K
GF12P 10S B 501 K
GF12P 10S B 102 K
GF12P 10S B 202 K
GF12P 10S B 502 K
GF12P 10S B 103 K
GF12P 10S B 203 K
GF12P 10S B 503 K
GF12P 10S B 104 K
GF12P 10S B 204 K
GF12P 10S B 504 K
GF12P 10S B 105 K
GF12P 10S B 100 M
GF12P 10S B 200 M
GF12P 10S B 500 M
GF12P 10S B 101 M
GF12P 10S B 201 M
GF12P 10S B 501 M
GF12P 10S B 102 M
GF12P 10S B 202 M
GF12P 10S B 502 M
GF12P 10S B 103 M
GF12P 10S B 203 M
GF12P 10S B 503 M
GF12P 10S B 104 M
GF12P 10S B 204 M
GF12P 10S B 504 M
GF12P 10S B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
GF12 Series
GF12P 8.2SK Through-Hole, P Terminal Style, 8.2mm Knurled Plastic Shaft, Top Adjust
GF12P 8.2SK B 100 K
GF12P 8.2SK B 200 K
GF12P 8.2SK B 500 K
GF12P 8.2SK B 101 K
GF12P 8.2SK B 201 K
GF12P 8.2SK B 501 K
GF12P 8.2SK B 102 K
GF12P 8.2SK B 202 K
GF12P 8.2SK B 502 K
GF12P 8.2SK B 103 K
GF12P 8.2SK B 203 K
GF12P 8.2SK B 503 K
GF12P 8.2SK B 104 K
GF12P 8.2SK B 204 K
GF12P 8.2SK B 504 K
GF12P 8.2SK B 105 K
GF12P 8.2SK B 100 M
GF12P 8.2SK B 200 M
GF12P 8.2SK B 500 M
GF12P 8.2SK B 101 M
GF12P 8.2SK B 201 M
GF12P 8.2SK B 501 M
GF12P 8.2SK B 102 M
GF12P 8.2SK B 202 M
GF12P 8.2SK B 502 M
GF12P 8.2SK B 103 M
GF12P 8.2SK B 203 M
GF12P 8.2SK B 503 M
GF12P 8.2SK B 104 M
GF12P 8.2SK B 204 M
GF12P 8.2SK B 504 M
GF12P 8.2SK B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
GF12S 0S Through-Hole, S Terminal Style, No Shaft, Flush Single-Slot, Side Adjust
GF12S 0S B 100 K
GF12S 0S B 200 K
GF12S 0S B 500 K
GF12S 0S B 101 K
GF12S 0S B 201 K
GF12S 0S B 501 K
GF12S 0S B 102 K
GF12S 0S B 202 K
GF12S 0S B 502 K
GF12S 0S B 103 K
GF12S 0S B 203 K
GF12S 0S B 503 K
GF12S 0S B 104 K
GF12S 0S B 204 K
GF12S 0S B 504 K
GF12S 0S B 105 K
GF12S 0S B 100 M
GF12S 0S B 200 M
GF12S 0S B 500 M
GF12S 0S B 101 M
GF12S 0S B 201 M
GF12S 0S B 501 M
GF12S 0S B 102 M
GF12S 0S B 202 M
GF12S 0S B 502 M
GF12S 0S B 103 M
GF12S 0S B 203 M
GF12S 0S B 503 M
GF12S 0S B 104 M
GF12S 0S B 204 M
GF12S 0S B 504 M
GF12S 0S B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
GF12P 10S
GF12P 8.2SK
GF12S 0S


Similar Part No. - GF12P10FB101K

ManufacturerPart #DatasheetDescription
logo
CUI Devices
GF1201 CUID-GF1201 Datasheet
1Mb / 3P
   SPEAKER
08/05/2022
GF1202 CUID-GF1202 Datasheet
710Kb / 3P
   SPEAKER
08/05/2022
GF1202B CUID-GF1202B Datasheet
785Kb / 3P
   SPEAKER
08/05/2022
GF1205B CUID-GF1205B Datasheet
1Mb / 3P
   SPEAKER
08/05/2022
logo
CUI INC
GF1207 CUI-GF1207 Datasheet
88Kb / 2P
   Specifications
More results

Similar Description - GF12P10FB101K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
   3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RA12 TOCOS-RA12 Datasheet
163Kb / 3P
   12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com