Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV20YLP110FB100K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RV20YLP110FB100K
Description  20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV20YLP110FB100K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RV20YLP110FB100K Datasheet HTML 1Page - TOCOSAMERICA, INC. RV20YLP110FB100K Datasheet HTML 2Page - TOCOSAMERICA, INC. RV20YLP110FB100K Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . B = 100
Ω to 2MΩ
A,C = 2k
Ω to 2MΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
10% standard
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω max.
Resistance Taper . . . . B = linear; A = CW audio (logarithm);
C = CCW audio (logarithm)
Peak Noise (C.R.V.) . . . . . . . 3% or 3
Ω, whichever is greater
Power Rating . . . . . . . . . . . B = 0.25 watt; A,C = 0.125 watt
at
40 C, 0 watt at
85 C
Maximum Input Voltage . . . . . . . . 250VDC or power rating,
whichever is smaller
Insulation Resistance . . . . . . . 100M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 230
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 260
10
Shaft Torque . . . . . . 50 to 300 gf cm (0.693 to 4.159 oz in)
Stop Strength . . . . . . . . . . . . . 6 kgf cm (83.176 oz in) max.
Mounting Nut Torque . . . . . . 15 kgf cm (207.94 oz in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds
Marking . . . . . . . . . . . . . Model type, taper, resistance code,
shaft type, terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . . .
10 Cto
85 C
Temperature Characteristics . . . . . . . . . . .
80 C, 5 hours
without load
R ! 10k
Ω © ∆T/R ) 6%
10k
Ω ) R ! 1MΩ © ∆T/R ) 10%
R 0 1M
Ω © ∆T/R ) 15%
Load Life . . . . . . . . . .
40 C, 90 minutes on, 30 minutes off,
1,000 hours with rated load
∆T/R ) 10%
Moisture and Load Life . . . . . . . . . . . .
40 C, 90-95%RH,
90 minutes on, 30 minutes off,
500 hours with rated load
R ! 100k
Ω © ∆T/R ) 10%~ 15%
R 0 100k
Ω © ∆T/R ) 10%~ 20%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds
∆T/R ) 2%
Rotational Life . . . . . . . . . . . . . . .15,000 cycles without load
∆T/R ) 7%
R = Total Resistance Value;
∆T/R = Total Resistance Change
RV20 Series
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
20mm diameter, single-turn industrial panel controls
Carbon film element
Single unit, single shaft
Linear or audio tapers
Metal shaft and bushing
Optional shaft lock models available
6mm diameter metal shafts in slot, flat or round end styles
Standard 10mm, 15mm or 20mm shaft length
Panel or PC board mounting styles
Rear exit lug or pin terminals
Wide standard resistance range
RV20YN
RV20YL
RV20YP1
25


Similar Part No. - RV20YLP110FB100K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RV2010DK-07100KL YAGEO-RV2010DK-07100KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV2010DK-0710KL YAGEO-RV2010DK-0710KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV2010DK-0710ML YAGEO-RV2010DK-0710ML Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV2010DK-071ML YAGEO-RV2010DK-071ML Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV2010DK-0727ML YAGEO-RV2010DK-0727ML Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
More results

Similar Description - RV20YLP110FB100K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RVQ20N2 TOCOS-RVQ20N2 Datasheet
575Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N TOCOS-RVQ20N Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
   24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com