Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV20N215SKB103M Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RV20N215SKB103M
Description  20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV20N215SKB103M Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RV20N215SKB103M Datasheet HTML 1Page - TOCOSAMERICA, INC. RV20N215SKB103M Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications
Electrical
Standard Resistance Range . . . . . . . . . B = 500
Ω to 2MΩ
A,C = 1k
Ω to 2MΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
20% standard
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω max.
Resistance Taper . . . . B = linear; A = CW audio (logarithm);
C = CCW audio (logarithm)
Peak Noise (C.R.V.) . . . . . . . . . . . . . . . . . . . . . . . . 3% max.
Power Rating . . . . . . . 0.40 watt at
40 C, 0 watt at
80 C
Maximum Input Voltage . . . . . B = 250VDC; A,C = 200VDC
or power rating, whichever is smaller
Insulation Resistance . . . . . . . 100M
Ω minimum at 500VDC
Wiper Current . . . . . . . . . . . . . . . . . 20mA max. at minimum
resistance value
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 245
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 290
10
Shaft Torque . . . . . . . . 30 to 200 gf cm (0.42 to 2.77 oz in)
Stop Strength . . . . . . . . . . . . . 9 kgf cm (124.76 oz in) min.
Mounting Nut Torque . . . . . . . 7 kgf cm (97.04 oz in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . 235 C, 2.5 seconds
Marking . . . . . . . . . . . . . . . . . . Model type, taper, resistance,
shaft type, terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . . .
10 Cto
80 C
Temperature Characteristics . . . . . . . . . . .
80 C, 5 hours
without load
R ) 10k
Ω © ∆T/R ) 6%
10k
Ω ! R ) 1MΩ © ∆T/R ) 10%
R 1 1M
Ω © ∆T/R ) 15%
Load Life . . . . . . . . . . . .
40 C, 1,000 hours with rated load
∆T/R ) 15%
Moisture and Load Life . . . . . . . . . . . .
40 C, 90-95%RH,
90 minutes on, 30 minutes off,
500 hours with rated load
∆T/R ) 10%~ 15%
Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude,
3 directions, 2 hours each
∆T/R ) 2.5%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds
∆T/R ) 2%
Rotational Life . . . . . . . . . . . . . . .15,000 cycles without load
∆T/R ) 7%
R = Total Resistance Value;
∆T/R = Total Resistance Change
RV20N2 Series
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
20mm diameter, single-turn industrial panel controls
Carbon film element
Single unit, single shaft
Plastic 15mm standard shaft length
Plastic 6mm diameter
10mm knurled shaft for fingertip adjustment
Plastic M9
P0.75 bushing
Panel mounting style only
Right angle lug terminals
Linear or audio tapers
500
Ω to 2MΩ nominal resistance range
Meets UL 94HB flammability requirements for plastic materials
RV20N2 -15SK
30


Similar Part No. - RV20N215SKB103M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV20N20FA100M TOCOS-RV20N20FA100M Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N20FA101M TOCOS-RV20N20FA101M Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N20FA102M TOCOS-RV20N20FA102M Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N20FA103M TOCOS-RV20N20FA103M Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N20FA105M TOCOS-RV20N20FA105M Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results

Similar Description - RV20N215SKB103M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RVQ20N2 TOCOS-RVQ20N2 Datasheet
575Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N TOCOS-RVQ20N Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
   24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com