Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1821001-03 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 1821001-03
Description  IEEE 1394 6P/M - IEEE 6P/M
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

1821001-03 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  1821001-03 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPROVED
DATE
DESCRIPTION
REV.
REVISION
Qualtek Electronics Corp.
WCI DIVISION
Part Number:
Description:
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B. Grubb
01-25-07
01-25-07
JJH / 01-25-07
1821001-03
IEEE 1394 6P/M - IEEE 6P/M
No.
1
2
3
4
5
6
7
8
9
10
PARTS NAME
6P/M - CONTACT
6P/M - INSULATOR
6P/M - SHELL 1
6P/M - SHELL 2
COPPER FOIL
6P/M - INNER MOLD
6P/M - OUTER MOLD
KL02001ABK01A
MINI TIE
POLYBAG
SPECIFICATION STANDARD
PHOSPHOR BRONZE / GOLD FLASH
PBT / BLACK UL94V-0
IRON / NICKEL PLATED
IRON / NICKEL PLATED
5x10mm
PE NATURAL
45P PVC / COLOR: BLACK
[(30AWGx1P+FOIL+SP)x2+24AWGx2C+MYLAR
+FOIL+BD]x1 COLOR: BLACK
PE / BLACK
PE / 0.08x140x160mm
QTY
12
2
2
2
2
2
2
1
2
1
REMARKS
NOTES:
1. CABLE: UL20276 IEEE1394
[(30AWGx1P+FOIL+SP)x2+24AWGx2C+MYLAR+FOIL+BD]x1
OUTER PVC JACKET: BLACK OD: 5.7 ± 0.2mm
PRINTING: “E166307
AWM 20276 30AWG VW-1 IEEE
Std 1394 Compliant”
2. CONNECTORS: IEEE 1394 6P MALE TO IEEE 1394 6P MALE
3. HOOD: MOLDED TYPE, COLOR: BLACK
4. ELECTRICAL TEST:
<1>.100% OPEN SHORT & MISS WIRE TEST
<2>.INSULATION RESISTANCE: DC400V 10M ohm MIN.
<3>.CONDUCTOR RESISTANCE: 3 ohm MAX.
5. PACKING: 1PC/POLYBAG
915 ± 30
TAPE
100 ± 20
PIN OUT
8
4 5 6 7
3
1
2
6
5
4
3
1
2
10.2 ± 0.5
10.2 ± 0.5
7 6 5 4
3
2 1
6
5
3
1
4
2
P2
P1
P2
1
2
5
6
3
4
1
2
3
4
5
6
WHITE
BLACK
TWIST PAIR SPIRAL
GREEN
RED
BLUE
ORANGE
OUTER BRAID
SHELL
SHELL
FRONT
FRONT
IEEE 1394 6P/M MOLDING TYPE
(TOOLING NO: G102-216)
IEEE 1394 6P/M MOLDING TYPE
(TOOLING NO: G102-216)
10
9
REV. A
A
Changed Pin Out (P1)
03-12-07
DP


Similar Part No. - 1821001-03

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1821003-03 QUALTEK-1821003-03 Datasheet
323Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
1821005-03 QUALTEK-1821005-03 Datasheet
415Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821007-06 QUALTEK-1821007-06 Datasheet
428Kb / 1P
   IEEE 1394 6P/M - IEEE 6P/M
1821009-06 QUALTEK-1821009-06 Datasheet
430Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
More results

Similar Description - 1821001-03

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1821019-15 QUALTEK-1821019-15 Datasheet
428Kb / 1P
   IEEE 1394 6P/M - IEEE 6P/M
1821013-10 QUALTEK-1821013-10 Datasheet
427Kb / 1P
   IEEE 1394 6P/M - IEEE 6P/M
1821007-06 QUALTEK-1821007-06 Datasheet
428Kb / 1P
   IEEE 1394 6P/M - IEEE 6P/M
1821021-15 QUALTEK-1821021-15 Datasheet
430Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
1821009-06 QUALTEK-1821009-06 Datasheet
430Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
1821003-03 QUALTEK-1821003-03 Datasheet
323Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
1821015-10 QUALTEK-1821015-10 Datasheet
430Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
logo
Tripp Lite. All Rights ...
F005006 TRIPPLITE-F005006 Datasheet
473Kb / 2P
   FireWire IEEE 1394 Cable (6pin-6pin M-M) 6-ft
F005-015 TRIPPLITE-F005-015 Datasheet
154Kb / 2P
   FireWire IEEE 1394 Cable (6pin/6pin M/M) 15-ft.
F007003 TRIPPLITE-F007003 Datasheet
471Kb / 2P
   FireWire IEEE 1394 Cable (6pin/4pin M-M) 3-ft
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com