Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1821017-10 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 1821017-10
Description  IEEE1394 4P/M - IEEE1394 4P/M
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

1821017-10 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  1821017-10 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPROVED
DATE
DESCRIPTION
REV.
REVISION
Qualtek Electronics Corp.
WCI DIVISION
Part Number:
Description:
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B. Grubb
01-25-07
01-25-07
JJH / 01-25-07
1821017-10
IEEE1394 4P/M - IEEE1394 4P/M
NOTES:
1. CABLE: UL20276 30AWG IEEE1394
[30AWGx1P+FOIL+SP)x2+DW+FILLER+MYLAR+BD]x1
OUTER JACKET: BLACK, OD: 5.2 ± 0.2
PRINTING: “E166307
AWM 20276 30AWG
VW-1 IEEE AV 1394 COMPLIANT”
2. CONNECTORS: IEEE 1394 4P MALE TO IEEE 1394 4P MALE
3. HOOD: MOLDING TYPE. COLOR: BLACK
4. CABLE ELECTRICAL TEST:
<1>.100% OPEN SHORT & MISS WIRE TEST
<2>.INSULATION RESISTANCE: DC400V 10M ohm MIN.
<3>.CONDUCTOR RESISTANCE: 3 ohm MAX.
5. PACKING: 1PC/POLYBAG
No.
1
2
3
4
5
6
7
8
9
10
11
PARTS NAME
4P/M - CONTACT
4P/M - INSULATOR
4P/M - SHELL 1
4P/M - SHELL 2
SLIPCOVER
COPPER FOIL
4P/M - INNER MOLD
4P/M - OUTER MOLD
CABLE UL20276
MINI TIE
POLYBAG
SPECIFICATION STANDARD
PHOSPHOR BRONZE / GOLD PLATED
PBT / BLACK UL94V-0
SHELL / NICKEL PLATED
SHELL / NICKEL PLATED
PBT / TRANSPARENT
BOTH SIZES FOR SPECIAL ELECTRIC
PE NATURAL
45P PVC / COLOR: BLACK
KL02002ABK01B
PE / BLACK
PE / 0.08x160x180mm
QTY
8
2
2
2
2
2
2
2
1
2
1
3050 ± 80
1
2
3
4
P1
FRONT
P2
PIN OUT
REMARKS
TAPE
P1
P2
FRONT
1394 4P/M MOLDING TYPE
(TOOLING NO.G102-288)
1394 4P/M MOLDING TYPE
(TOOLING NO.G102-288)
2
1
3 4
5
6 7 8
6.0 ± 0.2
9
8 7 6
5
4 3
1
2
4
3
2
1
6.0 ± 0.2
120 ± 20
11
10
GREEN
RED
BLUE
ORANGE
3
4
1
2
1
2
3
4
PAIR SPIRAL
BRAID
DRAIN
SHELL
SHELL
REV. A
A
Deleted AWG Rating Next to P2 Pin Out
03-12-07
DP


Similar Part No. - 1821017-10

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1821011-06 QUALTEK-1821011-06 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821013-10 QUALTEK-1821013-10 Datasheet
427Kb / 1P
   IEEE 1394 6P/M - IEEE 6P/M
1821015-10 QUALTEK-1821015-10 Datasheet
430Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
1821019-15 QUALTEK-1821019-15 Datasheet
428Kb / 1P
   IEEE 1394 6P/M - IEEE 6P/M
More results

Similar Description - 1821017-10

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1821005-03 QUALTEK-1821005-03 Datasheet
415Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821011-06 QUALTEK-1821011-06 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821023-15 QUALTEK-1821023-15 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821009-06 QUALTEK-1821009-06 Datasheet
430Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
1821015-10 QUALTEK-1821015-10 Datasheet
430Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
1821003-03 QUALTEK-1821003-03 Datasheet
323Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
1821021-15 QUALTEK-1821021-15 Datasheet
430Kb / 1P
   IEEE 1394 4P/M - IEEE1394 6P/M
3021019-16 QUALTEK-3021019-16 Datasheet
424Kb / 1P
   USB 4P(A)/M - USB 4P(B)/M
3021001-03 QUALTEK-3021001-03 Datasheet
422Kb / 1P
   USB 4P(A)/M - USB 4P(B)/M
3021007-06 QUALTEK-3021007-06 Datasheet
418Kb / 1P
   USB 4P(A)/M - USB 4P(B)/M
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com