Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB520-TB Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SB520-TB
Description  5.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB520-TB Datasheet(HTML) 3 Page - Won-Top Electronics

  SB520-TB Datasheet HTML 1Page - Won-Top Electronics SB520-TB Datasheet HTML 2Page - Won-Top Electronics SB520-TB Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB520 – SB560
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
SB520-T3
DO-201AD
1200/Tape & Reel
SB520-TB
DO-201AD
1200/Tape & Box
SB520
DO-201AD
500 Units/Box
SB530-T3
DO-201AD
1200/Tape & Reel
SB530-TB
DO-201AD
1200/Tape & Box
SB530
DO-201AD
500 Units/Box
SB540-T3
DO-201AD
1200/Tape & Reel
SB540-TB
DO-201AD
1200/Tape & Box
SB540
DO-201AD
500 Units/Box
SB550-T3
DO-201AD
1200/Tape & Reel
SB550-TB
DO-201AD
1200/Tape & Box
SB550
DO-201AD
500 Units/Box
SB560-T3
DO-201AD
1200/Tape & Reel
SB560-TB
DO-201AD
1200/Tape & Box
SB560
DO-201AD
500 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SB520-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB520-TB WTE-SB520-TB Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SB520-TB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB570 DIODES-SB570_1 Datasheet
55Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 5 - 2
logo
New Jersey Semi-Conduct...
SB520 NJSEMI-SB520 Datasheet
95Kb / 1P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL530 DIODES-SBL530 Datasheet
90Kb / 2P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. D-2
logo
Unisonic Technologies
SB540 UTC-SB540 Datasheet
150Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
New Jersey Semi-Conduct...
SB570 NJSEMI-SB570 Datasheet
92Kb / 1P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
SB570 DIODES-SB570 Datasheet
56Kb / 2P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 4 -2
SB520 DIODES-SB520_15 Datasheet
75Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
SB520 DIODES-SB520_1 Datasheet
69Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
SBL530 DIODES-SBL530_1 Datasheet
75Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com