Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB520-TB Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB520-TB
Description  5.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB520-TB Datasheet(HTML) 1 Page - Won-Top Electronics

  SB520-TB Datasheet HTML 1Page - Won-Top Electronics SB520-TB Datasheet HTML 2Page - Won-Top Electronics SB520-TB Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB520 – SB560
1 of 3
© 2002 Won-Top Electronics
SB520 – SB560
5.0A SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
!
Guard Ring Die Construction for
Transient Protection
!
High Current Capability
A
B
A
!
Low Power Loss, High Efficiency
!
High Surge Current Capability
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
C
D
Mechanical Data
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB520
SB530
SB540
SB550
SB560
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
(Note 1)
@TL = 100°C
IO
5.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 5.0A
VFM
0.55
0.70
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 2)
Cj
550
400
pF
Typical Thermal Resistance Junction to Ambient
RJA
10
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WT E
PO W E R SEM IC ONDUCTORS
DO-201AD
Dim
Min
Max
A
25.4
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm


Similar Part No. - SB520-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB520-TB WTE-SB520-TB Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SB520-TB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB570 DIODES-SB570_1 Datasheet
55Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 5 - 2
logo
New Jersey Semi-Conduct...
SB520 NJSEMI-SB520 Datasheet
95Kb / 1P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL530 DIODES-SBL530 Datasheet
90Kb / 2P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. D-2
logo
Unisonic Technologies
SB540 UTC-SB540 Datasheet
150Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
New Jersey Semi-Conduct...
SB570 NJSEMI-SB570 Datasheet
92Kb / 1P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
SB570 DIODES-SB570 Datasheet
56Kb / 2P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 4 -2
SB520 DIODES-SB520_15 Datasheet
75Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
SB520 DIODES-SB520_1 Datasheet
69Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
SBL530 DIODES-SBL530_1 Datasheet
75Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com