Electronic Components Datasheet Search |
|
GFP20115FB103K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC. |
|
GFP20115FB103K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC. |
1 / 3 page TOCOS AMERICA, INC. 1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 78 Specifications Electrical Standard Resistance Range . . . . . . . . . . . . . 100 Ω to 1MΩ Resistance Tolerance . . . . . . . . . . . . . . . . . 10% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ω max. Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear Peak Noise (C.R.V.) . . . . . . . 3% or 5 Ω, whichever is greater Power Rating . . . . . . . . . .1 watt at 70 C, 0 watt at 120 C Maximum Input Voltage . . . . . . . . 350VDC or power rating, whichever is smaller Temperature Coefficient . . . 100 ppm / C, 200 Ω to 500kΩ 250 ppm / C, other values Dielectric Strength . . . . . . . . . . . . . . . . 1,000VAC, 1 minute Mechanical Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 260 10 Shaft Torque . . . . . . 50 to 300 gf • cm (0.693 to 4.159 oz • in) Stop Strength . . . . . . . . . . . . . . 6 kgf • cm (83.18 oz • in) max. Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds Marking . . . . . . . . . . . . . . . . . Model type, taper, resistance, shaft type, terminal identification, date code Environmental Temperature Range . . . . . . . . . . . . . . . . . 10 Cto 125 C Load Life . . . . . . . . . . . . 70 C, 1,000 hours with rated load ∆T/R ) 5% Thermal Shock . . . . . . . . . . . . . . . . . . . . . . 10 C~ 120 C, 5 cycles without load ∆T/R ) 5% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds ∆T/R ) 2% Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock models only) without load ∆T/R ) 5% ∆T/R = Total Resistance Change GF201 Series 20mm Diameter, Single-Turn, Cermet Industrial Panel Controls TOCOS® P ANEL CONTROLS Features 20mm diameter, single-turn industrial panel controls Cermet film element Single unit, single shaft Excellent environmental characteristics Wide temperature range of 10 C to 125 C Metal shaft and bushing Linear taper Shaft lock available Panel or PCB vertical mount Rear exit lug or pin terminals 6mm diameter shafts in slot, flat or round end styles Standard 15mm or 20mm shaft length GFP201 GF201 |
Similar Part No. - GFP20115FB103K |
|
Similar Description - GFP20115FB103K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |