Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE13A Datasheet(PDF) 1 Page - Won-Top Electronics

Part # P6KE13A
Description  600W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P6KE13A Datasheet(HTML) 1 Page - Won-Top Electronics

  P6KE13A Datasheet HTML 1Page - Won-Top Electronics P6KE13A Datasheet HTML 2Page - Won-Top Electronics P6KE13A Datasheet HTML 3Page - Won-Top Electronics P6KE13A Datasheet HTML 4Page - Won-Top Electronics P6KE13A Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P6KE SERIES
1 of 5
© 2002 Won-Top Electronics
P6KE SERIES
600W TRANSIENT VOLTAGE SUPPRESSORS
Features
!
Glass Passivated Die Construction
!
600W Peak Pulse Power Dissipation
!
6.8V – 440V Standoff Voltage
A
B
A
!
Uni- and Bi-Directional Versions Available
!
Excellent Clamping Capability
!
Fast Response Time
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
D
Mechanical Data
!
Case: JEDEC DO-15 Low Profile Molded Plastic
!
Terminals: Axial Leads, Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band or Cathode Notch
!
Marking:
Unidirectional – Device Code and Cathode Band
Bidirectional – Device Code Only
!
Weight: 0.40 grams (approx.)
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
600 Minimum
W
Peak Forward Surge Current (Note 3)
IFSM
100
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
5.0
W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 40mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.
WT E
PO W E R SEM IC O ND UC TO R S
DO-15
Dim
Min
Max
A
25.4
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Similar Part No. - P6KE13A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P6KE13A MDE-P6KE13A Datasheet
78Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P6KE13A SHUNYE-P6KE13A Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Motorola, Inc
P6KE13A MOTOROLA-P6KE13A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Socay Electornics Co., ...
P6KE13A SOCAY-P6KE13A Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Pan Jit International I...
P6KE13A PANJIT-P6KE13A Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
More results

Similar Description - P6KE13A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
P6KE600C WEITRON-P6KE600C Datasheet
373Kb / 3P
   600W Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
SMBJ5.0CA HUAXINAN-SMBJ5.0CA_V01 Datasheet
442Kb / 6P
   600W Transient Voltage Suppressors
P6KE6.8CA HUAXINAN-P6KE6.8CA_V01 Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Weitron Technology
P6KE6.8A WEITRON-P6KE6.8A Datasheet
104Kb / 3P
   600W Transient Voltage Suppressors
P6KE550C WEITRON-P6KE550C Datasheet
63Kb / 2P
   600W Transient Voltage Suppressors
logo
Zibo Seno Electronic En...
P6KE ZSELEC-P6KE Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
P6SMB6.8CA HUAXINAN-P6SMB6.8CA Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com